Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ACPL-M60L Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza ACPL-M60L
Descripción Electrónicos  Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M60L Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M60L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M60L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M60L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M60L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M60L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M60L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M60L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M60L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M60L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image

Schematic
ACPL-M60L SHIELD
6
5
4
1
3
USE OF A 0.1 µF BYPASS CAPACITOR
MUST BE CONNECTED BETWEEN PINS
6 AND 4 (SEE NOTE 1).
IF
ICC
VCC
VO
GND
IO
+
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H
Ordering Information
ACPL-xxxx is UL Recognized with 3750 Vrms for 1 minute per UL1577 and is approved under CSA Component Ac-
ceptance Notice #5, File CA 88324.
Option
RoHS
Part Number
Compliant
Package
Surface Mount
Tape & Reel
IEC/EN/DIN EN 60747-5-2
Quantity
ACPL-M60L
-000E
SO-5
X
100 per tube
-500E
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry. Combination of Option 020 and Option 060 is not available.
Example 1:
ACPL-M60L-500E to order product of Surface Mount SO-5 in Tape and Reel packaging with RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com