| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L6924UTR Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6924UTR Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 37 page ![]() Additional applications information L6924U 30/37 Doc ID 14716 Rev 2 The VOSNS pin can be used as a remote sense; it should be therefore connected as closely as possible to the battery. The demonstration board layout and schematic are shown in Figure 23 , Figure 24 and Figure 25. Figure 22. Thermal image of the demonstration board Figure 23. Demonstration board layout, top side Figure 24. Demonstration board layout, bottom side |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |