| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16F72 Datasheet(PDF) 74 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F72 Datasheet(HTML) 74 Page - Microchip Technology |
|
74 / 136 page ![]() PIC16F72 DS39597C-page 72 © 2007 Microchip Technology Inc. FIGURE 11-12: WAKE-UP FROM SLEEP THROUGH INTERRUPT 11.15 Program Verification/ Code Protection If the code protection bit(s) have not been pro- grammed, the on-chip program memory can be read out for verification purposes. 11.16 ID Locations Four memory locations (2000h - 2003h) are designated as ID locations, where the user can store checksum or other code identification numbers. These locations are not accessible during normal execution, but are read- able and writable during program/verify. It is recom- mended that only the four Least Significant bits of the ID location are used. 11.17 In-Circuit Serial Programming PIC16F72 microcontrollers can be serially programmed while in the end application circuit. This is simply done with two lines for clock and data and three other lines for power, ground, and the programming voltage (see Figure 11-13 for an example). This allows customers to manufacture boards with unprogrammed devices, and then program the microcontroller just before shipping the product. This also allows the most recent firmware or a custom firmware to be programmed. For general information of serial programming, please refer to the In-Circuit Serial Programming™ (ICSP™) Guide (DS30277). For specific details on programming commands and operations for the PIC16F72 devices, please refer to the latest version of the PIC16F72 FLASH Program Memory Programming Specification (DS39588). FIGURE 11-13: TYPICAL IN-CIRCUIT SERIAL PROGRAMMING CONNECTION Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 OSC1 CLKO(4) INT pin INTF Flag (INTCON<1>) GIE bit (INTCON<7>) INSTRUCTION FLOW PC Instruction Fetched Instruction Executed PC PC+1 PC+2 Inst(PC) = SLEEP Inst(PC - 1) Inst(PC + 1) SLEEP Processor in SLEEP Interrupt Latency (Note 2) Inst(PC + 2) Inst(PC + 1) Inst(0004h) Inst(0005h) Inst(0004h) Dummy cycle PC + 2 0004h 0005h Dummy cycle TOST(2) PC+2 Note 1: XT, HS or LP Oscillator mode assumed. 2: TOST = 1024 TOSC (drawing not to scale) This delay will not be there for RC Osc mode. 3: GIE = ‘1' assumed. In this case, after wake-up, the processor jumps to the interrupt routine. If GIE = ‘0', execution will continue in-line. 4: CLKO is not available in these Osc modes, but shown here for timing reference. External Connector Signals To Normal Connections To Normal Connections PIC16F72 VDD VSS MCLR/VPP RB6 RB7 +5V 0V VPP CLK Data I/O VDD * * * * * Isolation devices (as required). |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |