Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STR-A6151 Datasheet(PDF) 7 Page - Sanken electric

No. de pieza STR-A6151
Descripción Electrónicos  Off-Line PRC Controllers with Integrated Power MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6151 Datasheet(HTML) 7 Page - Sanken electric

Back Button STR-A6151 Datasheet HTML 3Page - Sanken electric STR-A6151 Datasheet HTML 4Page - Sanken electric STR-A6151 Datasheet HTML 5Page - Sanken electric STR-A6151 Datasheet HTML 6Page - Sanken electric STR-A6151 Datasheet HTML 7Page - Sanken electric STR-A6151 Datasheet HTML 8Page - Sanken electric STR-A6151 Datasheet HTML 9Page - Sanken electric STR-A6151 Datasheet HTML 10Page - Sanken electric STR-A6151 Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STR-A6100 Series
STR-A6100 - DS Rev.2.0
SANKEN ELECTRIC CO.,LTD.
7
Dec. 25, 2013
3.3 Ambient Temperature versus Power Dissipation, PD1 Curves
3.4 Internal Frame Temperature versus Power Dissipation, PD2 Curves
STR-A61××
STR-A61××M
STR-A6153E
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
Ambient Temperature, T
A (°C )
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
20
40
60
80
100
120
140
Internal Frame Temperature, T
F (°C)
P
D2 = 0.15 W
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
25
50
75
100
125
150
Internal Frame Temperature, T
F (°C)
P
D2 = 0.46 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com