| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX253CSA Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX253CSA Datasheet(HTML) 2 Page - Maxim Integrated Products |
|
2 / 18 page ![]() Transformer Driver for Isolated RS-485 Interface ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VCC = 5V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Note 1: Operating supply current is the current used by the MAX253 only, not including load current. Note 2: Shutdown supply current includes output switch-leakage currents. PARAMETER MIN TYP MAX UNITS Shutdown Input Threshold 0.8 µA 2.4 V Shutdown Supply Current (Note 2) 0.4 µA Operating Supply Current (Note 1) 0.45 5.0 mA Shutdown Input Leakage Current 10 pA 2.4 V FS Input Threshold 0.8 50 µA Switch On-Resistance 1.5 4.0 Ω 250 350 500 kHz Switch Frequency 150 200 300 FS Input Leakage Current 10 pA Start-Up Voltage 2.5 2.2 V CONDITIONS FS = VCC Low High SD = VCC No load, VSD = 0V, FS low High Low VFS = 0V D1, D2; 100mA FS = VCC or open VFS = 0V Supply Voltage (VCC) ...............................................-0.3V to +7V Control Input Voltages (SD, FS) .................-0.3V to (VCC + 0.3V) Output Switch Voltage (D1, D2) .............................................12V Peak Output Switch Current (D1, D2) ......................................1A Average Output Switch Current (D1, D2) .........................200mA Continuous Power Dissipation (TA = +70°C) Plastic DIP (derate 9.09mW/°C above +70°C) .............727mW SO (derate 5.88mW/°C above +70°C) ..........................471mW µMAX (derate 4.10mW/°C above +70°C) .....................330mW CERDIP (derate 8.00mW/°C above +70°C) ..................640mW Operating Temperature Ranges MAX253C_ _ ........................................................0°C to +70°C MAX253E_ _ .....................................................-40°C to +85°C MAX253MJA ...................................................-55°C to +125°C Junction Temperatures MAX253C_ _/E_ _..........................................................+150°C MAX253MJA .................................................................+175°C Storage Temperature Range .............................-65°C to +160°C Lead Temperature (soldering, 10s) .................................+300°C Soldering Temperature (reflow) PDIP, SO, µMAX lead(Pb)-free .....................................+260°C PDIP, SO, µMAX, CERDIP containing lead(Pb) ............+240°C MAX253 2 Maxim Integrated |