| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RL78 Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78 Datasheet(HTML) 1 Page - Renesas Technology Corp |
|
1 / 61 page ![]() R01DS0053EJ0100 Rev. 1.00 Page 1 of 97 Feb 21, 2012 RL78/G14 RENESAS MCU True Low Power Platform (as low as 66 A/MHz, and 0.60 A for RTC + LVD), 1.6 V to 5.5 V operation, 16 to 256 Kbyte Flash, 44 DMIPS at 32 MHz, for General Purpose Applications Datasheet 1. OUTLINE 1.1 Features Ultra-Low Power Technology • 1.6 V to 5.5 V operation from a single supply • Stop (RAM retained): 0.24 A, (LVD enabled): 0.32 A • Halt (RTC + LVD): 0.60 A • Snooze: T.B.D • Operating: 66 A/MHz 16-bit RL78 CPU Core • Delivers 44 DMIPS at maximum operating frequency of 32 MHz • Instruction execution: 86% of instructions can be executed in 1 to 2 clock cycles • CISC architecture (Harvard) with 3-stage pipeline • Multiply signed & unsigned: 16 x 16 to 32-bit result in 1 clock cycle • MAC: 16 x 16 to 32-bit result in 2 clock cycles • 16-bit barrel shifter for shift & rotate in 1 clock cycle • 1-wire on-chip debug function Code Flash Memory • Density: 16 KB to 256 KB • Block size: 1KB • On-chip single voltage flash memory with protection from block erase/writing • Self-programming with secure boot swap function and flash shield window function Data Flash Memory • Data flash with background operation • Data flash size: 4 KB to 8 KB size options • Erase cycles: 1 Million (typ.) • Erase/programming voltage: 1.8 V to 5.5 V RAM • 2.5 KB to 24 KB size options • Supports operands or instructions • Back-up retention in all modes High-speed On-chip Oscillator • 32 MHz with +/- 1% accuracy over voltage (1.8 V to 5.5 V) and temperature (-20°C to 85°C) • Pre-configured settings: 64 MHz,48 MHz,32 MHz, 24 MHz, 16 MHz, 12 MHz, 8 MHz, 4 MHz & 1 MHz • 64 MHz, 48 MHz for timer RD Reset and Supply Management • Power-on reset (POR) monitor/generator • Low voltage detection (LVD) with 14 setting options (Interrupt and/or reset function) General Purpose I/O • 5 V tolerant, high-current (up to 20 mA per pin) • Open-drain, on-chip pull-up resistor Data Transfer Controller (DTC) • 39 sources & 24 different settings • Transfer data: 8 bits/16 bits • Normal mode and repeat mode Event Link Controller (ELC) • Reduce interrupt intervention • Link 26 events to specified peripheral function Multiple Communication Interfaces • Up to 8 x I2C master • Up to 2 x I2C multi-master • Up to 8 x CSI/SPI (7-, 8-bit) • Up to 4 x UART (7-, 8-, 9-bit) • Up to 1 x LIN Extended-Function Timers • Multi-function 16-bit timers: Up to 8 channels • Motor control timer (3 ph - complementary mode) • Timer with encoder function: 16-bit, 1 channel • Real-time clock (RTC): 1 channel (full calendar and alarm function with watch correction function) • Interval timer: 12-bit, 1 channel • 15 kHz watchdog timer: 1 channel (window function) Rich Analog • ADC: Up to 20 channels, 10-bit resolution, 2.1 s conversion time • Supports 1.6 V • 2 x window comparators, with ELC connection • D/A converter: 2 channels, 8-bit resolution • Internal voltage reference (1.45 V) • On-chip temperature sensor Safety Features (IEC or UL 60730 compliance) • Flash memory CRC calculation • RAM parity error check • RAM write protection • SFR write protection • Illegal memory access detection • Clock stop/frequency detection • ADC self-test • I/O port read back function (echo) Operating Ambient Temperature • Standard: -40°C to + 85°C • Extended: -40°C to + 105°C <under planning> Package Type and Pin Count From 4 mm x 4 mm to 14 mm x 20 mm QFP: 32, 44, 48, 52, 64, 80,100 QFN: 32, 40, 48 SSOP: 30 LGA: 36, 64 R01DS0053EJ0100 Rev. 1.00 Feb 21, 2012 |
Número de pieza similar - RL78 |
|
Descripción similar - RL78 |