| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RF14 Datasheet(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RF14 Datasheet(HTML) 44 Page - Renesas Technology Corp |
|
44 / 56 page ![]() RL78 Family Chapter 5 User Interface EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 44 of 53 Mar. 28, 2014 Command Execution statuses of EEL_Execute/EEL_Handler (eel_status_t) (2/2) Command Execution Status Category Description Corresponding Commands EEL_ERR_NO_INSTANCE Meaning No-write-data error EEL_CMD_READ Cause The specified identifier data has not been written. Action to be taken Write data to the identifier specified using the EEL_CMD_WRITE command. EEL_ERR_POOL_INCONSISTENT Meaning EEL block inconsistency error EEL_CMD_STARTUP Cause An EEL block has the undefined state (such as because there are no active blocks). Action to be taken Execute the EEL_CMD_FORMAT command to initialize the EEL blocks. EEL_ERR_POOL_EXHAUSTED Meaning EEL block exhaustion error EEL_CMD_STARTUP EEL_CMD_FORMAT EEL_CMD_REFRESH EEL_CMD_WRITE Cause There are no more EEL blocks that can be used to continue. Action to be taken Stop EEPROM emulation. You can try restoration by executing the EEL_CMD_FORMAT command (erasing all existing data) or read existing data. EEL_ERR_INTERNAL Meaning Internal error Commands other than EEL_CMD_SHUTDOWN Cause An unexpected error has occurred. Action to be taken Check the device state. [Return values] None |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |