Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

THS4052CD Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza THS4052CD
Descripción Electrónicos  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4052CD Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button THS4052CD Datasheet HTML 10Page - National Semiconductor (TI) THS4052CD Datasheet HTML 11Page - National Semiconductor (TI) THS4052CD Datasheet HTML 12Page - National Semiconductor (TI) THS4052CD Datasheet HTML 13Page - National Semiconductor (TI) THS4052CD Datasheet HTML 14Page - National Semiconductor (TI) THS4052CD Datasheet HTML 15Page - National Semiconductor (TI) THS4052CD Datasheet HTML 16Page - National Semiconductor (TI) THS4052CD Datasheet HTML 17Page - National Semiconductor (TI) THS4052CD Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
14
APPLICATION INFORMATION
THEORY OF OPERATION
The THS405x is a high-speed operational amplifier
configured in a voltage feedback architecture. It is built
using a 30-V, dielectrically isolated, complementary
bipolar process with NPN and PNP transistors possessing
fTs of several GHz. This results in an exceptionally high
performance amplifier that has a wide bandwidth, high
slew rate, fast settling time, and low distortion. A simplified
schematic is shown in Figure 42.
IN − (2)
IN + (3)
NULL (1)
NULL (8)
(6) OUT
(4) VCC −
(7) VCC +
Figure 42. THS405x Simplified Schematic
NOISE CALCULATIONS AND NOISE FIGURE
Noise can cause errors on very small signals. This is especially true when amplifying small signals, where signal-to-noise
ratio (SNR) is very important. The noise model for the THS405x is shown in Figure 43. This model includes all of the noise
sources as follows:
• e
n = Amplifier internal voltage noise (nV/√Hz)
• IN+ = Noninverting current noise (pA/√Hz)
• IN− = Inverting current noise (pA/√Hz)
• e
Rx = Thermal voltage noise associated with each resistor (eRx = 4 kTRx )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36