| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
THS6072CD Datasheet(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
THS6072CD Datasheet(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 31 page ![]() THS6072 LOW-POWER ADSL DIFFERENTIAL RECEIVER SLOS290B – FEBRUARY 2000 – REVISED JUNE 2001 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION evaluation board An evaluation board is available for the THS6072 (literature number SLOP322). This board has been configured for very low parasitic capacitance in order to realize the full performance of the amplifier. A schematic of the evaluation board is shown in Figure 50. The circuitry has been designed so that the amplifier may be used in either an inverting or noninverting configuration. For more information, please refer to the THS6072 EVM User’s Guide. To order the evaluation board, contact your local TI sales office or distributor. _ + THS6072 VCC – VCC+ C1 6.8 µF C4 0.1 µF C2 6.8 µF C3 0.1 µF R4 1.3 k Ω R2 1.3 k Ω R3 49.9 Ω R5 49.9 Ω IN – IN + NULL OUT NULL + + R3 49.9 Ω Figure 50. THS6072 Evaluation Board |