Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2-202S Datasheet(PDF) 2 Page - Sanken electric

No. de pieza MP2-202S
Descripción Electrónicos  Fast Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MP2-202S Datasheet(HTML) 2 Page - Sanken electric

  MP2-202S Datasheet HTML 1Page - Sanken electric MP2-202S Datasheet HTML 2Page - Sanken electric MP2-202S Datasheet HTML 3Page - Sanken electric MP2-202S Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.sanken-ele.co.jp
MP2-202S
Mar. 2008
Fast Recovery Diode
The contents in this document are subject to changes, for improvement and other purposes, without notice.
Make sure that this is the latest version of the document before use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 2
SANKEN ELECTRIC
Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
200
2
Peak Reverse Voltage
VRM
V
200
3
Average Forward Current
IF(AV)
A
20
4
Peak Surge Forward Current
IFSM
A
110
10msec. Half sinewave, one shot
5
I
2t Limiting Value
I2t
A2s
60.5
1msec≦t≦10msec
6
Junction Temperature
Tj
-40~+150
7
Storage Temperature
Tstg
-40~+150
Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.98 max.
IF=10A
2
Reverse Leakage Current
IR
uA
200 max.
VR=VRM
3
Reverse Leakage Current
Under High Temperature
H・IR
uA
400 max.
VR=VRM, Tj=150℃
4
Reverse Recovery Time
trr1
ns
50 max.
IF=IRP=100mA
90% Recovery point, Tj=25℃
trr2
ns
35 max.
IF=100mA,IRP=200mA
75% Recovery point, Tj=25℃
5
Forward Voltage Drop
Rth(j-c)
/W
2.5 max.
Between Junction and case



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com