| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ACBK6SS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ACBK6SS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 6 page ![]() Spec-00479 G 5 SUBJECT TO CHANGE WITHOUT NOTICE Accessories EQUIPMENT PROTECTION SOLUTIONS Locks, Lockouts, LAtches, hAndLes And cLAmps cLamps cLamps fAst-operAting cLAmp-cover Junction Box cLAmp Provides quick access to enclosure or wireway interiors. Installs on standard clamp bracket used on Hoffman junction boxes, Type 12 trough and wireway, Type 4X wireway and similar custom enclosures. Clamps are available in plated steel or stainless steel. Bulletin: A80 Catalog Number Description AL23 Plated steel clamp AL23SS Stainless steel clamp fAst-operAting cLAmp AssemBLy Provides quick access to enclosures which have screw clamps. Install on clamp brackets used on single-door Type 4, 4X, 12 and 13 enclosures and similar custom order enclosures. The entire clamp assembly is Type 316 stainless steel. Bulletin: A80 Catalog Number Qty. AFC412SS 2 cLAmp kits These kits provide replacement clamps for clamp-cover junction boxes and wall-mount enclosures. Each kit contains two clamps and all mounting hardware. Bulletin: A80 Catalog Number Material Use with AL15 Mild Steel A12 enclosures AL16 Stainless Steel A4, A4S enclosures AL17 Mild Steel A51 junction boxes AL18 Stainless Steel A51S junction boxes cLAmp BLock kit Used on floor-mount and free-stand Type 4X stainless steel enclosures with clamps. Kit includes two sets of screws, two Type 316L clamp blocks and mounting hardware. Bulletin: A50Y Catalog Number Description ACBK6SS 2 clamp blocks and screw sets |