| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L6201 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6201 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 20 page ![]() THERMAL DATA Symbol Parameter Value Unit L6201 L6201PS L6202 L6203 Rth j-pins Rth j-case Rth j-amb Thermal Resistance Junction-pins max Thermal Resistance Junction Case max. Thermal Resistance Junction-ambient max. 15 – 85 – – 13 (*) 12 – 60 – 3 35 °C/W (*) Mounted on aluminium substrate. ELECTRICAL CHARACTERISTICS (Refer to the Test Circuits; Tj = 25 °C, VS = 42V, Vsens = 0, unless otherwise specified). Symbol Parameter Test Conditions Min. Typ. Max. Unit Vs Supply Voltage 12 36 48 V Vref Reference Voltage IREF = 2mA 13.5 V IREF Output Current 2mA Is Quiescent Supply Current EN = H VIN = L EN = H VIN = H EN = L ( Fig. 1,2,3) IL = 0 10 10 8 15 15 15 mA mA mA fc Commutation Frequency (*) 30 100 KHz Tj Thermal Shutdown 150 °C Td Dead Time Protection 100 ns TRANSISTORS OFF IDSS Leakage Current Fig. 11 Vs = 52 V 1 mA ON RDS On Resistance Fig. 4,5 0.3 0.55 Ω VDS(ON) Drain Source Voltage Fig. 9 IDS = 1A IDS = 1.2A IDS = 3A L6201 L6202 L6201PS/0 3 0.3 0.36 0.9 V V V Vsens Sensing Voltage – 1 4 V SOURCE DRAIN DIODE Vsd Forward ON Voltage Fig. 6a and b ISD = 1A L6201 EN = L ISD = 1.2A L6202 EN = L ISD = 3A L6201PS/03 EN = L 0.9 (**) 0.9 (**) 1.35(**) V V V trr Reverse Recovery Time dif dt = 25 A/ µs IF = 1A IF = 1.2A IF = 3A L6201 L6202 L6203 300 ns tfr Forward Recovery Time 200 ns LOGIC LEVELS VIN L, VEN L Input Low Voltage – 0.3 0.8 V VIN H, VEN H Input High Voltage 2 7 V IIN L, IEN L Input Low Current VIN, VEN = L –10 µA IIN H, IEN H Input High Current VIN, VEN = H 30 µA L6201 - L6202 - L6203 4/20 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |