| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
P3500EB Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
P3500EB Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd. |
|
1 / 5 page ![]() Thyristor Surge Suppressors (TSS) Revision September 25, 2013 1 / 5 @SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. P0080EB - P5000EB Series - TO-92 @10/700 μS , 4KV SOCAY Electronics Co., Ltd. www.socay.com P0080EB - P5000EB Series are designed to protect broadband equipment such as modems, line card, CPE and DSL from damaging over-voltage transients. The series provides a surface mount solution that enables equipment to comply with global regulatory standards. u Low voltage overshoot u Low on-state voltage u Does not degrade surge capability after multiple surge events within limit u Fails short circuit when surged in excess of ratings u Low Capacitance u TIA-968-A / TIA-968-B u ITU K.20/21 Enhanced level u ITU K.20/21 Basic Level u GR 1089 Inter building u GR 1089 Inter building u IEC 6100-4-5 u YD/T 1082 u YD/T 993 u YD/T 950 Parameter Definition IS Switching Current - maximum current required to switch to on state IDRM Leakage Current - maximum peak off-state current measured at VDRM IH Holding Current - minimum current required to maintain on state IT On-state Current - maximum rated continuous on-state current VS Switching Voltage - maximum voltage prior to switching to on stat VDRM Peak Off-state Voltage - maximum voltage that can be applied while maintaining off state VT On-state Voltage - maximum voltage measured at rated on-state current C0 Off-state Capacitance - typical capacitance measured in off state IT IS IH IDRM VT VDRM VS +I -I -V +V PIN1 PIN3 Description Features and Benefits Applicable Global Standards Electrical Parameters Pinout Designation Schematic Symbol |
Número de pieza similar - P3500EB |
|
Descripción similar - P3500EB |