Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

05D301K Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

No. de pieza 05D301K
Descripción Electrónicos  Metal Oxide Varistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RUILON [Ruilongyuan Electronics Co.,Ltd]
Página de inicio  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

05D301K Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  05D301K Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd 05D301K Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd 05D301K Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd 05D301K Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd 05D301K Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd 05D301K Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd 05D301K Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Metal Oxide Varistors - 05D Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Type Number
Maximum
Allowable
Voltage
Varistor Voltage
Maximum
Clamping
Voltage
Withstanding Surge
Current
Maximum Energy
(10/1000μs)
Rated
Power
Typical
Capacitance
(Reference)
Standard
High Surge VAC(V) VDC(V)
V1mA(V)
IP
(A) VC(V)
I(A)
Standard
I(A)
High Surge
(J)
Standard
(J)
High Surge
(W)
@
1KHz
(pf)
05D180K
05D180KJ
11
14
18(15~21.6)
1
40
100
250
0.4
0.6
0.01
1400
05D220K
05D220KJ
14
18
22(19.5~26)
1
48
100
250
0.5
0.7
0.01
1150
05D270K
05D270KJ
17
22
27(24~31)
1
60
100
250
0.6
0.9
0.01
930
05D330K
05D330KJ
20
26
33(29.5~36.5)
1
73
100
250
0.8
1.1
0.01
760
05D390K
05D390KJ
25
31
39(35~43)
1
80
100
250
0.9
1.2
0.01
640
05D470K
05D470KJ
30
38
47(42~54)
1
104
100
250
1.1
1.5
0.01
530
05D560K
05D560KJ
35
45
56(50~62)
1
123
100
250
1.3
1.8
0.01
450
05D680K
05D680KJ
40
56
68(61~75)
1
150
100
250
1.6
2.2
0.01
370
05D820K
05D820KJ
50
65
82(74~90)
5
145
400
800
2.5
4.0
0.1
300
05D101K
05D101KJ
60
85
100(90~110)
5
177
400
800
3.0
4.1
0.1
250
05D121K
05D121KJ
75
100
120(108~132)
5
210
400
800
4.0
4.9
0.1
210
05D151K
05D151KJ
95
125
150(135~165)
5
260
400
800
4.1
6.5
0.1
165
05D181K
05D181KJ
115
150
180(162~198)
5
320
400
800
4.9
7.5
0.1
140
05D201K
05D201KJ
130
170
200(180~220)
5
355
400
800
6.5
8.5
0.1
125
05D221K
05D221K
140
180
220(198~242)
5
380
400
800
7.5
9.0
0.1
110
05D241K
05D241KJ
150
200
240(216~264)
5
415
400
800
8.0
10.5
0.1
100
05D271K
05D271KJ
175
225
270(243~297)
5
475
400
800
8.5
11.0
0.1
95
05D301K
05D301KJ
190
250
300(270~330)
5
520
400
800
9.0
12.0
0.1
85
05D331K
05D331KJ
210
275
330(297~363)
5
570
400
800
9.5
13.0
0.1
75
05D361K
05D361KJ
230
300
360(324~396)
5
620
400
800
10.0
16.0
0.1
70
05D391K
05D391KJ
250
320
390(351~429)
5
675
400
800
12.0
17.0
0.1
65
05D431K
05D431KJ
275
350
430(387~473)
5
745
400
800
13.0
20.0
0.1
60
05D471K
05D471KJ
300
385
470(423~517)
5
810
400
800
15.0
21.0
0.1
55
05D511K
05D511KJ
320
415
510(459~561)
5
845
400
800
16.0
22.5
0.1
50
05D561K
05D561KJ
350
460
560(504~616)
5
920
400
800
16.0
24.0
0.1
50
05D621K
05D621KJ
385
505
620(558~682)
5
1025
400
800
21.0
25.0
0.1
40
05D681K
05D681KJ
420
560
680(612~748)
5
1120
400
800
21.0
29.0
0.1
35
05D751K
05D751KJ
460
615
750(675~825)
5
1240
400
800
22.4
32.0
0.1
30



Html Pages

1 2 3 4 5 6 7