| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
07D301K Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
07D301K Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd |
|
3 / 7 page ![]() Metal Oxide Varistors - 07D Series Circuit Protection System Page:2 Specifications are subject to change without notice. Please refer to http://www.ruilon.com for current information. Electriacl Characteristics Type Number Maximum Allowable Voltage Varistor Voltage Maximum Clamping Voltage Withstanding Surge Current Maximum Energy (10/1000μs) Rated Power Typical Capacitance (Reference) Standard High Surge VAC(V) VDC(V) V1mA(V) IP (A) VC(V) I(A) Standard I(A) High Surge (J) Standard (J) High Surge (W) @1KHz(pf) 07D180K 07D180KJ 11 14 18(15~21.6) 2.5 36 250 500 0.9 2.0 0.02 2800 07D220K 07D220KJ 14 18 22(19.5~26) 2.5 43 250 500 1.1 2.4 0.02 2300 07D270K 07D270KJ 17 22 27(24~31) 2.5 53 250 500 1.4 3.0 0.02 1800 07D330K 07D330KJ 20 26 33(29.5~36.5) 2.5 65 250 500 1.7 3.5 0.02 1500 07D390K 07D390KJ 25 31 39(35~43) 2.5 77 250 500 2.1 4.0 0.02 1300 07D470K 07D470KJ 30 38 47(42~54) 2.5 93 250 500 2.5 5.0 0.02 1100 07D560K 07D560KJ 35 45 56(50~62) 2.5 110 250 500 3.1 6.0 0.02 900 07D680K 07D680KJ 40 56 68(61~75) 2.5 135 250 500 3.6 7.0 0.02 740 07D820K 07D820KJ 50 65 82(74~90) 10 135 1200 1750 5.5 10.0 0.25 600 07D101K 07D101KJ 60 85 100(90~110) 10 165 1200 1750 6.5 12.0 0.25 500 07D121K 07D121KJ 75 100 120(108~132) 10 200 1200 1750 7.8 13.0 0.25 420 07D151K 07D151K 95 125 150(135~165) 10 250 1200 1750 9.7 13.0 0.25 330 07D181K 07D181KJ 115 150 180(162~198) 10 300 1200 1750 11.7 16.0 0.25 280 07D201K 07D201KJ 130 170 200(180~220) 10 340 1200 1750 13.0 17.0 0.25 250 07D221K 07D221K 140 180 220(198~242) 10 360 1200 1750 14.0 19.0 0.25 230 07D241K 07D241KJ 150 200 240(216~264) 10 395 1200 1750 15.0 21.0 0.25 210 07D271K 07D271KJ 175 225 270(243~297) 10 455 1200 1750 18.0 24.0 0.25 185 07D301K 07D301KJ 190 250 300(270~330) 10 500 1200 1750 20.0 26.0 0.25 165 07D331K 07D331KJ 210 275 330(297~363) 10 550 1200 1750 23.0 28.0 0.25 150 07D361K 07D361KJ 230 300 360(324~396) 10 595 1200 1750 25.0 32.0 0.25 140 07D391K 07D391KJ 250 320 390(351~429) 10 650 1200 1750 25.0 35.0 0.25 130 07D431K 07D431KJ 275 350 430(387~473) 10 710 1200 1750 28.0 40.0 0.25 115 07D471K 07D471KJ 300 385 470(423~517) 10 775 1200 1750 30.0 42.0 0.25 105 07D511K 07D511KJ 320 415 510(459~561) 10 845 1200 1750 30.0 45.0 0.25 100 07D561K 07D561KJ 350 460 560(504~616) 10 925 1200 1750 30.0 49.0 0.25 90 07D621K 07D621KJ 385 505 620(558~682) 10 1025 1200 1750 33.0 55.0 0.25 80 07D681K 07D681KJ 420 560 680(612~748) 10 1120 1200 1750 33.0 60.0 0.25 75 07D751K 07D751KJ 460 615 750(675~825) 10 1240 1200 1750 67.2 65.0 0.25 70 07D781K 07D781KJ 185 640 780(702~858) 10 1290 1200 1750 67.2 65.0 0.25 70 07D821K 07D821KJ 510 670 820(738~902) 10 1355 1200 1750 67.2 70.0 0.25 60 |