Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1-66331-4 Datasheet(PDF) 2 Page - Tyco Electronics

No. de pieza 1-66331-4
Descripción Electrónicos  Signal Contacts
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

1-66331-4 Datasheet(HTML) 2 Page - Tyco Electronics

  1-66331-4 Datasheet HTML 1Page - Tyco Electronics 1-66331-4 Datasheet HTML 2Page - Tyco Electronics 1-66331-4 Datasheet HTML 3Page - Tyco Electronics 1-66331-4 Datasheet HTML 4Page - Tyco Electronics 1-66331-4 Datasheet HTML 5Page - Tyco Electronics 1-66331-4 Datasheet HTML 6Page - Tyco Electronics 1-66331-4 Datasheet HTML 7Page - Tyco Electronics 1-66331-4 Datasheet HTML 8Page - Tyco Electronics 1-66331-4 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
10
Catalog 65910
Dimensions are in inches and
Dimensions are shown for
Technical Support
Revised 7-07
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
Central America: 52-55-5-729-0425
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
South America: 55-11-3611-1514
are metric equivalents.
Mexico: 01-800-733-8926
www.tycoelectronics.com
AMP Precision Pin and Socket Contacts
Material
Contact Body and Tab—Brass
Retention Spring—Stainless steel
Finish
See chart on Page 11.
Pin
Solder-Type
(with Preformed Wire
Barrel/Insulation Support)
Socket
Socket
Type III+, Solder Versions
Spring, Stainless Steel
Localized Plate Area
Pin Body, Brass
1.085
[27.56]
Max.
.825
[20.96]
Max.
3.90
[9.91]
Min.
.200
[5.08]
Min.
.0625
+.0010
.0625
–.0020
[1.588
+.0254]
Dia.
[1.588
–.0508
]
.530±.010
[13.46±0.25]
Signal Contacts (Continued)
Type III+, Crimp, Snap-In
Contact Size—16
Pin Diameter—.062 [1.57]
Material and Finish
Contact Body—Copper alloy, plated
tin or gold
Spring—Stainless steel
Wire Size Range
Ins.
Grounding Pin Part No.
Strip Form
Loose Piece
Dia.
Contact
Applicator
Hand Tool**
[mm2]
AWG
Range1
Finish
Strip Form
Loose Piece
Part No.
Part No.
.035-.055
Tin
164159-3
164162-1
—
91515-13 or
0.12-0.2
26-24
0.89-1.4
Sel. Gold/Nickel2
164159-4
164162-2
58495-1*
.045-.070
Tin
164160-3
164163-1
466323-□***
91515-13 or
0.2-0.6
24-20
1.14-1.78
or
91505-13 or
Sel. Gold/Nickel2
164160-4
164163-2
466907-2***
58495-1*
.078-.098
Tin
164161-3
164164-1
466741-□***
91523-13 or
0.8-1.4
18-16
1.98-2.49
or
91505-13 or
Sel. Gold/Nickel2
164161-4
164164-2
680114-3***
58495-1*
1
Overall insulation crimp diameter, including crimp barrel, must not exceed .125 [3.18].
2
Gold flash over .000030 [0.00076] min. nickel on entire contact, with .000030 [0.00076] gold in contact area.
3
To use with the 626 Pneumatic Tool System: remove the crimping head from the Straight Action Hand Tool (SAHT) Assembly, order SAHT Adapter Part No. (Call
Technical Support at 800-522-6752), Adapter Holder Part No. 356304-1 (with ratchet) or 189928-1 (without), and Power Unit Part No. 189721-1 (hand actuat-
ed) or
189722-1 (foot actuated).
*Commercial PRO-CRIMPER II hand tool for field repair only. Note: Die Set can be adapted for use with the 626 Pneumatic Tool System.
**There are power options available for these tools/dies. See Battery Powered Crimp tool Kit and SDE Electric Terminator on page 30.
***Call Technical Support at 1-800-522-6752 for Automatic Machine Applicator Part Numbers.
Extraction Tool Part No. 725840-1
Note: All part numbers are RoHS compliant.
Grounding Pin
(make first - break last)
Related Product Data
Application Tooling—Pages 29, 30
Technical Documents—Page 4
Pin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com