Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ASA03G24 Datasheet(PDF) 2 Page - Artesyn Technologies

No. de pieza ASA03G24
Descripción Electrónicos  Electrical Specifications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARTESYN [Artesyn Technologies]
Página de inicio  
Logo ARTESYN - Artesyn Technologies

ASA03G24 Datasheet(HTML) 2 Page - Artesyn Technologies

  ASA03G24 Datasheet HTML 1Page - Artesyn Technologies ASA03G24 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASA Series Data Sheet
WORLDWIDE OFFICES
americas
2900S.DiabloWay
Tempe,AZ85282
USA
+18884127832
europe (uK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
+44(0)1384842211
asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
+85221763333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use
of this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Technologies, Inc. All other names
and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2014 All rights reserved.
www.artesyn.com
ASA10W DS Rev. 03.25.14
Ordering Information
Model Number
Input Voltage
Output 1 Voltage
Output 2 Voltage
Maximum Power
ASA03G24-LS
18 - 36 V
2.5 V @ 3 A
7.5 W
ASA03F24-LS
18 - 36 V
3.3 V @ 3 A
10 W
ASA02A24-LS
18 - 36 V
5.0 V @ 2 A
10 W
ASA00B24-LS
18 - 36 V
12 V @ 0.835 A
10 W
ASA03G48-LS
36 - 75 V
2.5 V @ 3 A
7.5 W
ASA03F48-LS
36 - 75 V
3.3 V @ 3 A
10 W
ASA02A48-LS
36 - 75 V
5.0 V @ 2 A
10 W
ASA00B48-LS
36 - 75 V
12 V @ 0.835 A
10 W
Please contact Artesyn Embedded Technologies for information on other output voltages, power ranges and configurations. Available in RoHS 6 version only.
Mechanical Drawings
ASA (10W) Series
Notes:
1. All specifications are subject to change without notice. Mechanical drawings are for reference only.
2. Warranty: 1 yr
3. Label and logo appearance may vary from what is shown on mechanical drawings.



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com