| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EEE0JA152P Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EEE0JA152P Datasheet(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 5 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ S – EEE-11 – ■ Standard Products W.V. Cap. (±20 %) Case size Specification Part No. (RoHS:compliant) Reflow Min. Packaging Q'ty Dia. Length ✽Size Code Ripple Current (120 Hz) (+85 °C) tan δ (120 Hz) (+20 °C) Endurance Taping (V) (µF) (mm) (mm) (mA r.m.s.) (hours) (pcs) 25 4.7 35.4 A 12 0.16 1000 EEE1ES4R7SR ✽✽ (1) 2000 45.4 B 22 0.14 2000 EEE1EA4R7SR (1) 2000 10 45.4 (B) 220.201000 EEE1EA100WR (1) 2000 55.4 C 28 0.14 2000 EEE1EA100SR (1) 1000 22 55.4 (C) 350.201000 EEE1EA220WR (1) 1000 6.3 5.4 D 550.142000 EEE1EA220SP (1) 1000 33 55.4 (C) 420.201000 EEE1EA330WR (1) 1000 6.3 5.4 D 650.142000 EEE1EA330SP (1) 1000 47 6.3 5.4 (D)70 0.201000 EEE1EA470WP (1) 1000 100 6.3 7.7 D8 1430.142000 EEE1EA101XP (1) 900 86.2 (E) 910.162000 EEE1EA101UP (2) 1000 810.2 F 1800.162000 EEE1EA101P (2) 500 220 810.2 (F) 2300.162000 EEE1EA221UP (2) 500 10.0 10.2 G 310 0.16 2000 EEE1EA221P (2) 500 330 810.2 (F) 2700.162000 EEE1EA331UP (2) 500 10 10.2 G 340 0.16 2000 EEE1EA331P (2) 500 470 10 10.2 G 380 0.16 2000 EEE1EA471P (2) 500 35 2.2 3 5.4 A 8 0.14 1000 EEE1VS2R2SR ✽✽ (1) 2000 3.3 3 5.4 A 100.141000 EEE1VS3R3SR ✽✽ (1) 2000 4.7 4 5.4 B 220.122000 EEE1VA4R7SR (1) 2000 10 45.4 (B) 220.161000 EEE1VA100WR (1) 2000 55.4 C 30 0.12 2000 EEE1VA100SR (1) 1000 22 55.4 (C) 360.161000 EEE1VA220WR (1) 1000 6.3 5.4 D 600.122000 EEE1VA220SP (1) 1000 33 6.3 5.4 (D) 600.161000 EEE1VA330WP (1) 1000 86.2 E 130 0.14 2000 EEE1VA330P (2) 1000 47 6.3 5.4 (D) 700.161000 EEE1VA470WP (1) 1000 86.2 E 165 0.14 2000 EEE1VA470P (2) 1000 100 6.3 7.7 D8 1320.122000 EEE1VA101XP (1) 900 810.2 (F) 1400.142000 EEE1VA101UP (2) 500 10 10.2 G 210 0.14 2000 EEE1VA101P (2) 500 220 810.2 (F) 2000.142000 EEE1VA221UP (2) 500 10 10.2 G 310 0.14 2000 EEE1VA221P (2) 500 330 10 10.2 G 350 0.14 2000 EEE1VA331P (2) 500 ✽ Size code( ):Miniaturization product ✽✽ Dia.3mm is not recommended for new design. Please consider Dia.4mm.(Available upon request) · Please refer to the page of “Reflow Profile” and “The Taping Dimensions”. · When requesting vibration-proof product, please put the last “V” instead to “P” Endurance : 85 °C 2000 h 00 Nov. 2012 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |