Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ECWFD2W104 Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza ECWFD2W104
Descripción Electrónicos  Metallized Polypropylene Film Capacitor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W104 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWFD2W104 Datasheet HTML 1Page - Panasonic Semiconductor ECWFD2W104 Datasheet HTML 2Page - Panasonic Semiconductor ECWFD2W104 Datasheet HTML 3Page - Panasonic Semiconductor ECWFD2W104 Datasheet HTML 4Page - Panasonic Semiconductor ECWFD2W104 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC59−
■Dimensions in mm (not to scale)
(Dimensions : mm)
Cut lead
C
■Packaging Specification for Bulk Package
Packing quantity: 100 pcs./bag
Plastic Film Capacitors
■Taping Specifications for Automatic Insertion
●Taping style
●Lead Spacing
Style
AB
Lead Spacing
5.0 mm
E
7.5 mm
F
7.5 mm
●Packaging Specifications
❈Refer to the page of taping specifications.
Type
Rated
voltage.
Cap. range
(
μF)
Taping style
AD AS AB
B
C
D
E
F
○
○
○
○
○
Packing
suffix
ECWFD
450 VDC
0.10 to 0.39
0.47, 0.68, 1.0
0.10 to 0.39
0.47 to 2.2
4
0.47, 0.68, 1.0
3
P3/Q3
4
P4/Q4
Ammo
Style F
Style AB
Style E
p Œ ¯ ¶
‚
P50_81
13.9.26 22:51
y [ W
59



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com