| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EEE0JA152P Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EEE0JA152P Datasheet(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 5 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ S – EEE-9 – Negative polarity marking (–) (No marking for the bi-polar) Capacitance (μF) Rated voltage Mark (V.DC) (6=6.3 V.DC) Series indentification (S) or (A) Mark for Lead-Free Products Black Dot (Square) Lot number A±0.2 W ( ) Reference size L + – 0.3 max. Pressure Relief ( 010 and larger) ■ Features ● Endurance: 85 °C 2000 h ● Vibration-proof product is available upon request. (08 mm and larger) ● AEC-Q200 qualified✽ ● RoHS directive compliant Surface Mount Type Series: S Type: V ■ Specifications ■ Dimensions in mm (not to scale) ■ Marking Example:4V 33 μF (Polarized) Marking color: BLACK Category Temp. Range –40 °C to +85 °C Rated W.V. Range 4 V.DC to 100 V.DC Nominal Cap. Range 1 μF to 1500 μF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current I < 0.01 CV or 3 (μA) (Bi-Polar I < 0.02 CV or 6 (μA) After 2 minutes (Whichever is greater) tan d Please see the attached standard products list Characteristics at Low Temperature W.V. (V) 4 6.3 10 16 25 35 50 63 100 (Impedance ratio at 120 Hz) Z(–25 °C)/Z(+20 °C) 743222233 Z(–40 °C)/Z(+20 °C) 15 86443344 Endurance After applying rated working voltage for 2000 hours (Bi-polar:1000 hours for each polarity) at +85 °C ±2 °C and then being stabilized at +20 °C, Capacitors shall meet the following limits. Capacitance change ±20 % of inisial measured value Size code Rated W.V. Cap. change B(04) to D, D8(06.3) 4 W.V 1000 hours ±30 % < D(06.3) Miniature 6.3 W.V > 10 W.V 1000 hours ±20 % tan d < 200 % initial specified value DC leakege current < initial specified value Shelf Life After storage for 1000 hours at +85 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) Resistance to Soldering Heat After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits. Capacitance change ±10 % of initial measured value tan d < initial specified value DC leakage current < initial specified value Size code D L A, B H I W P K B 4.0 5.4 - 0.2 4.3 5.5 max. 1.8 0.65±0.1 1.0 0.35 - 0.20 C 5.0 5.4 - 0.2 5.3 6.5 max. 2.2 0.65±0.1 1.5 0.35 - 0.20 D 6.3 5.4 - 0.2 6.6 7.8 max. 2.6 0.65±0.1 1.8 0.35 - 0.20 D8 6.3 7.7±0.3 6.6 7.8 max. 2.6 0.65±0.1 1.8 0.35 - 0.20 E 8.0 6.2±0.3 8.3 9.5 max. 3.4 0.65±0.1 2.2 0.35 - 0.20 F 8.0 10.2±0.3 8.3 10.0 max. 3.4 0.90±0.2 3.1 0.70±0.20 G 10.0 10.2±0.3 10.3 12.0 max. 3.5 0.90±0.2 4.6 0.70±0.20 + 0.1 + 0.1 + 0.1 + 0.15 + 0.15 + 0.15 + 0.15 + 0.15 Frequency (Hz) 50, 60 120 1 k 10 k to Correction factor 0.70 1.00 1.30 1.70 ■ Frequency correction factor for ripple current (Unit : mm) ✽ This product qualify for AEC-Q200, but it has some deviations. 02 Mar. 2014 |
Número de pieza similar - EEE0JA152P |
|
Descripción similar - EEE0JA152P |