| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EEE0JA152P Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EEE0JA152P Datasheet(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 5 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ S – EEE-10 – ■ Standard Products W.V. Cap. (±20 %) Case size Specification Part No. (RoHS:compliant) Reflow Min. Packaging Q'ty Dia. Length ✽Size Code Ripple Current (120 Hz) (+85 °C) tan d (120 Hz) (+20 °C) Endurance Taping (V) (μF) (mm) (mm) (mA r.m.s.) (hours) (pcs) 4 33 4 5.4 B 26 0.35 1000 EEE0GA330SR (1) 2000 47 4 5.4 B 34 0.35 1000 EEE0GA470SR (1) 2000 100 5 5.4 C 61 0.35 1000 EEE0GA101SR (1) 1000 220 6.3 5.4 D 82 0.35 1000 EEE0GA221SP (1) 1000 330 6.3 5.4 (D) 80 0.50 1000 EEE0GA331WP (1) 1000 470 6.3 7.7 D8 200 0.35 1000 EEE0GA471XP (1) 900 6.3 22 4 5.4 B 29 0.26 2000 EEE0JA220SR (1) 2000 33 4 5.4 (B) 22 0.35 1000 EEE0JA330WR (1) 2000 47 4 5.4 (B) 36 0.35 1000 EEE0JA470WR (1) 2000 5 5.4 C 46 0.26 2000 EEE0JA470SR (1) 1000 100 5 5.4 (C) 47 0.35 1000 EEE0JA101WR (1) 1000 6.3 5.4 D 71 0.26 2000 EEE0JA101SP (1) 1000 220 6.3 5.4 (D) 74 0.35 1000 EEE0JA221WP (1) 1000 330 6.3 7.7 D8 188 0.26 2000 EEE0JA331XP (1) 900 8 6.2 E 300 0.35 2000 EEE0JA331P (2) 1000 470 8 10.2 F 380 0.35 2000 EEE0JA471P (2) 500 1000 8 10.2 (F) 500 0.35 2000 EEE0JA102UP (2) 500 10 10.2 G 700 0.35 2000 EEE0JA102P (2) 500 1500 10 10.2 G 750 0.35 2000 EEE0JA152P (2) 500 10 22 4 5.4 (B) 28 0.30 1000 EEE1AA220WR (1) 2000 33 4 5.4 (B) 29 0.30 1000 EEE1AA330WR (1) 2000 5 5.4 C 43 0.20 2000 EEE1AA330SR (1) 1000 47 5 5.4 (C) 43 0.30 1000 EEE1AA470WR (1) 1000 100 5 5.4 (C) 50 0.30 1000 EEE1AA101WR (1) 1000 6.3 5.4 D 70 0.26 2000 EEE1AA101SP (1) 1000 220 6.3 7.7 D8 173 0.20 2000 EEE1AA221XP (1) 900 8 6.2 E 250 0.26 2000 EEE1AA221P (2) 1000 330 8 10.2 F 390 0.26 2000 EEE1AA331P (2) 500 470 8 10.2 (F) 390 0.26 2000 EEE1AA471UP (2) 500 10 10.2 G 400 0.26 2000 EEE1AA471P (2) 500 1000 10 10.2 G 580 0.26 2000 EEE1AA102P (2) 500 16 10 4 5.4 B 28 0.16 2000 EEE1CA100SR (1) 2000 22 4 5.4 (B) 28 0.26 1000 EEE1CA220WR (1) 2000 5 5.4 C 39 0.16 2000 EEE1CA220SR (1) 1000 33 5 5.4 (C) 35 0.26 1000 EEE1CA330WR (1) 1000 47 5 5.4 (C) 39 0.26 1000 EEE1CA470WR (1) 1000 6.3 5.4 D 70 0.16 2000 EEE1CA470SP (1) 1000 100 6.3 5.4 (D) 70 0.26 1000 EEE1CA101WP (1) 1000 8 6.2 E 200 0.20 2000 EEE1CA101P (2) 1000 220 6.3 7.7 D8 162 0.16 2000 EEE1CA221XP (1) 900 8 10.2 F 280 0.20 2000 EEE1CA221P (2) 500 330 8 10.2 (F) 320 0.20 2000 EEE1CA331UP (2) 500 10 10.2 G 380 0.20 2000 EEE1CA331P (2) 500 470 8 10.2 (F) 350 0.20 2000 EEE1CA471UP (2) 500 10 10.2 G 420 0.20 2000 EEE1CA471P (2) 500 ✽ Size code( ):Miniaturization product · Please refer to the page of “Reflow Profile” and “The Taping Dimensions”. · When requesting vibration-proof product, please put the last “V” instead to “P” 02 Mar. 2014 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |