Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MA28139 Datasheet(PDF) 21 Page - Dynex Semiconductor

No. de pieza MA28139
Descripción Electrónicos  OBDH Bus Terminal
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DYNEX [Dynex Semiconductor]
Página de inicio  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA28139 Datasheet(HTML) 21 Page - Dynex Semiconductor

Back Button MA28139 Datasheet HTML 17Page - Dynex Semiconductor MA28139 Datasheet HTML 18Page - Dynex Semiconductor MA28139 Datasheet HTML 19Page - Dynex Semiconductor MA28139 Datasheet HTML 20Page - Dynex Semiconductor MA28139 Datasheet HTML 21Page - Dynex Semiconductor MA28139 Datasheet HTML 22Page - Dynex Semiconductor MA28139 Datasheet HTML 23Page - Dynex Semiconductor MA28139 Datasheet HTML 24Page - Dynex Semiconductor MA28139 Datasheet HTML 25Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
MA28139
21/34
THE ESA ON-BOARD DATA HANDLING
(OBDH) BUS
The dual redundant OBDH bus is connected to the OBT
bus interface via an input descriminator and an output bridge
driver circuit. These convert between the bipolar LITTON code
and the standard CMOS inputs and outputs of the IC.
The OBDH bus is divided into three parts:
A. INTERROGATION BUS (I BUS)
This bus is used to transfer data from the CT to the
RTs, as commands of 32 bit words, each bit being modulated
according to the Litton scheme shown in Figure 18. Each
Interrogation (or command) “slot” comprises 3 Sync bits, 3 or 4
BroadCast Pulses, 5 or 6 Terminal Address bits, 4 Destination
Address bits, 16 Data bits and a Parity bit.
B. RESPONSE BUS (R BUS)
This bus is used to send data from the RTs to the CT, (can
be used by RTs to receive data). Each response word
comprises the 4 Destination Address bits sent in the
corresponding Interrogation, either 8 or 16 Data bits from the
user (8 bits unless a 16 bit acquisition was requested and 8
zeros if no response data is required) and a single Stop bit
(used to ensure data is fully clocked through bus modems and
0 by convention).
C. BLOCK TRANSFER BUS (BT BUS)
Used to transfer blocks of data between the CT and RTs, in
either direction, as a contiguous block or stream of data bits.
Figure 18: Litton Coded Data
logical
"1"
logical
"0"
invalid
logic
"1"
invalid
logic
"0"
high -
low -
0v -
high -
0v -
high -
low -
0v -
low -
0v -
invalid
logic
"1"
high -
0v -
logical
"1"
invalid
logic
"0"
low -
Synchronisation Pattern
FASTER OBDH/DBI COMPATIBLE NETWORKS
With analog components the OBT can interface any
equipment to the specified ESA OBDH bus at the nominal data
rate of 0.5 Mbps. Contract 5352 proved that analog
components limit OBDH data rate to 2 Mbps maximum. But
OBTs work to over 5 Mbps (10MHz with 2 clocks/bit Litton
coded). OBTs may be directly networked via digital bus
drivers/receivers, (eliminating analog components) using
Litton coded 4 wire (R2/DS1 and R4/DS2) busses (see OBDH
application note 1). MSS made a 3 metre optical OBDH
network for the Pegasus ion source.
DBIs may be directly connected but will not be Litton coded
with Parity on every bit, or exhibit modulation and
demodulation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com