Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ES2C Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza ES2C
Descripción Electrónicos  Surface Mount Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES2C Datasheet(HTML) 1 Page - Vishay Siliconix

  ES2C Datasheet HTML 1Page - Vishay Siliconix ES2C Datasheet HTML 2Page - Vishay Siliconix ES2C Datasheet HTML 3Page - Vishay Siliconix ES2C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES2A, ES2B, ES2C, ES2D
www.vishay.com
Vishay General Semiconductor
Revision: 30-Oct-13
1
Document Number: 88587
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Ultrafast Plastic Rectifier
FEATURES
• Glass passivated chip junction
• Ideal for automated placement
• Ultrafast recovery times for high efficiency
• Low forward voltage, low power losses
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectification and freewheeling
application in switching mode converters and inverters for
consumer, computer, automotive, and telecommunication.
MECHANICAL DATA
Case: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 2 whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
50 V, 100 V, 150 V, 200 V
IFSM
50 A
trr
20 ns
VF
0.90 V
TJ max.
150 °C
Package
DO-214AA (SMB)
Diode variations
Single die
DO-214AA (SMB)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES2A
ES2B
ES2C
ES2D
UNIT
Device marking code
EA
EB
EC
ED
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Maximum average forward rectified current at TL = 110 °C
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Número de pieza similar - ES2C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
ES2C JGD-ES2C Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2C SSE-ES2C Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
ES2C DIODES-ES2C Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2C FUJI-ES2C Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES2C GE-ES2C Datasheet
100Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
More results

Descripción similar - ES2C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MURS140 VISHAY-MURS140 Datasheet
102Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
MURS340 VISHAY-MURS340_07 Datasheet
106Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
27-Aug-07
MURS340S VISHAY-MURS340S Datasheet
103Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
01-Aug-08
U1B VISHAY-U1B Datasheet
103Kb / 4P
Surface Mount Ultrafast Plastic Rectifier
13-May-08
MURS340 VISHAY-MURS340_15 Datasheet
88Kb / 6P
Surface Mount Ultrafast Plastic Rectifier
20-Feb-15
U1B VISHAY-U1B_V01 Datasheet
93Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
09-Apr-2020
MURS240 VISHAY-MURS240_V01 Datasheet
103Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
08-Apr-2020
MURS460 VISHAY-MURS460_V01 Datasheet
102Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
13-May-2020
ES1A VISHAY-ES1A_V01 Datasheet
100Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
01-Apr-2020
ESH2B VISHAY-ESH2B_V01 Datasheet
107Kb / 5P
Surface-Mount Ultrafast Plastic Rectifier
13-May-2020
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com