Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SF08E60 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SF08E60
Descripción Electrónicos  8 Amp Super Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF08E60 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF08E60 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF08E60 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SF08E60
Voltage 600V
8 Amp Super Fast Rectifier
17-Jan-2014 Rev.A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
3
3
3
3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Fast switching for high efficiency
Low forward voltage drop
High current capability
Low reverse leakage current
High surge current capability
MECHANICAL DATA
Case: Molded plastic
Plastic Materials used Carries Underwriters
Laboratory Flammability Classification 94V-O
Lead Temperature for Soldering Purposes:
265℃ Max. for 10 Seconds
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
600
V
Working Peak Reverse Voltage
VRSM
600
V
Maximum DC Blocking Voltage
VDC
600
V
Maximum Average Forward Rectified Current
IF
8
A
Peak Repetitive Forward Current
IFM
35
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
IFSM
29
A
Typical Thermal Resistance
RθJC
2
°C /W
Operating and Storage Temperature Range
TJ,TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Typ.
Max.
Unit
Test Condition
1.5
1.7
IF = 8 A, TJ = 25°C
Maximum Instantaneous Forward
Voltage
VF
1.3
-
V
IF = 8 A, TJ = 125°C
0.002
0.2
TJ=25°C
Maximum DC Reverse Current
at Rated DC Blocking Voltage
3
IR
-
20
mA
TJ=100°C
Max. Reverse Recovery Time
1
TRR
22
35
nS
Typical Junction Capacitance
2
CJ
53
-
pF
NOTES:
1. Reverse recovery test conditions IF= 0.5A, IR= 1.0A, IRR= 0.25A.
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. Pulse Test:Pulse Width = 300 µs, Duty Cycle ≦ 2.0%.
4. To evaluate the maximum conduction losses use the following equation:PF(av) = 0.95 X IF(av) + 0.04 X I
2F(RMS)
TO-220A
Dimensions in millimeters
2
1
3
A
M
J
K
L
L
G
F
B
N
D
E
C
H
O
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.68
15.50
H
3.57
4.20
B
9.7
10.4
J
-
1.30
C
13.06
14.62
K
0.72
0.96
D
4.22
4.98
L
4.84
5.32
E
1.14
1.38
M
2.48
2.98
F
2.20
2.98
N
φ 3.7
φ 3.9
G
0.27
0.55
O
1.12
1.37


Número de pieza similar - SF08E60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SF08E60 SECOS-SF08E60 Datasheet
144Kb / 2P
8.0 Amp Super Fast Recovery Rectifier
SF08E60 SECOS-SF08E60 Datasheet
259Kb / 2P
8 Amp Super Fast Rectifier
SF08E60-C SECOS-SF08E60-C Datasheet
144Kb / 2P
8.0 Amp Super Fast Recovery Rectifier
SF08E60D1 SECOS-SF08E60D1 Datasheet
280Kb / 2P
8 Amp Super Fast Rectifier
SF08E60D1 SECOS-SF08E60D1_15 Datasheet
280Kb / 2P
8 Amp Super Fast Rectifier
More results

Descripción similar - SF08E60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SFG10ED50 SECOS-SFG10ED50 Datasheet
242Kb / 2P
10 Amp Super Fast Rectifier
SFG10SD200F SECOS-SFG10SD200F Datasheet
390Kb / 2P
10 Amp Super Fast Rectifier
logo
WILLAS ELECTRONIC CORP
EFM101 WILLAS-EFM101 Datasheet
214Kb / 2P
1.0 AMP SUPER FAST RECTIFIER
EFM201 WILLAS-EFM201 Datasheet
381Kb / 2P
2.0 AMP SUPER FAST RECTIFIER
logo
SeCoS Halbleitertechnol...
SFG10SD200 SECOS-SFG10SD200 Datasheet
273Kb / 2P
10 Amp Super Fast Rectifier
SF08E60F SECOS-SF08E60F Datasheet
256Kb / 2P
8 Amp Super Fast Rectifier
SF08E60D1 SECOS-SF08E60D1 Datasheet
280Kb / 2P
8 Amp Super Fast Rectifier
SF08E60 SECOS-SF08E60_15 Datasheet
259Kb / 2P
8 Amp Super Fast Rectifier
SF08E60D1 SECOS-SF08E60D1_15 Datasheet
280Kb / 2P
8 Amp Super Fast Rectifier
SF08E60F SECOS-SF08E60F_15 Datasheet
256Kb / 2P
8 Amp Super Fast Rectifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com