Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RMB6F Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No. de pieza RMB6F
Descripción Electrónicos  SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Página de inicio  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

RMB6F Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  RMB6F Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. RMB6F Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RMB2F-RMB6F
Major Ratings and Characteristics
IF(AV)
0.5A , 0.8A
Features
●
Low profile space
●
Ideal for automated placement
●
Glass passivated chip junction
●
Low forward voltage drop
●
Low leakage current
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Case: MBF Molded plastic
over glass passivated chip
●
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity: Polarity symbols marked on body
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
RMB2F
RMB4F
RMB6F
UNIT
VRRM
200
400
600
V
VRMS
140
280
420
V
VDC
200
400
600
V
Maximum average forward output rectified
current at TA=30℃
-on glass-epoxy P.C.B (NOTE 1)
-on aluminum substrate (NOTE 2)
IFSM
A
VF
V
IR
μ
A
trr
250
nS
CJ
p F
(NOTE 1)
RθJA
(NOTE 2)
RθJA
(NOTE 1)
RθJL
TJ, TSTG
℃
NOTE1:On glass epoxy P.C.B. mounted on 0.05×0.05″(1.3×1.3mm) pads
NOTE2:On aluminum substrate P.C.B. with an area of 0.8×0.8″(20×20mm) mounted on 0.05×0.05″(1.3×1.3mm) solder pad
trr
150nS,250nS
150
Thermal resistance per leg
85
70
20
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load(JEDEC Method)
30
Maximum instantaneous forward voltage drop per leg at 0.4A
1.25
Maximum RMS voltage
℃
/ W
Operating junction and storage temperature range
–55 to +150
Maximum DC reverse current at
rated DC blocking voltage per leg
TA = 25 ℃
TA = 125℃
5.0
100
Typical junction capacitance per leg at 4.0 V ,1MHz
13
Maximum reverse recovery time
at IF = 0.5 A , IR = 1.0 A , Irr = 0.25 A
Maximum DC blocking voltage
IF(AV)
A
0.5
0.8
Maximum repetitive peak reverse voltage
VF
1.25V
Tj max.
150 °C
IF(AV)
0.5A , 0.8A
VRRM
200-600V
IFSM
30 A
IR
5.0 μA
http://www.trr-jx.com
SURFACE MOUNT BRIDGE RECTIFIERS


Número de pieza similar - RMB6F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
RMB6F DYELEC-RMB6F Datasheet
2Mb / 3P
PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RMB6F ZSELEC-RMB6F Datasheet
88Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
RMB6F CHENDA-RMB6F Datasheet
292Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB6F CHENDA-RMB6F Datasheet
558Kb / 2P
GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
logo
Thinki Semiconductor Co...
RMB6F THINKISEMI-RMB6F Datasheet
462Kb / 8P
THINKISEMIS FAST RECOVERY TYPE MINIATURE SURFACE MOUNT BRIDGE RECTIFIERS
20210604-V2
More results

Descripción similar - RMB6F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
TMBF301 JUXING-TMBF301 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com