Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

G600SMP300 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

No. de pieza G600SMP300
Descripción Electrónicos  INDUSTRY STANDARDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

G600SMP300 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button G600SMP300 Datasheet HTML 8Page - List of Unclassifed Manufacturers G600SMP300 Datasheet HTML 9Page - List of Unclassifed Manufacturers G600SMP300 Datasheet HTML 10Page - List of Unclassifed Manufacturers G600SMP300 Datasheet HTML 11Page - List of Unclassifed Manufacturers G600SMP300 Datasheet HTML 12Page - List of Unclassifed Manufacturers G600SMP300 Datasheet HTML 13Page - List of Unclassifed Manufacturers G600SMP300 Datasheet HTML 14Page - List of Unclassifed Manufacturers G600SMP300 Datasheet HTML 15Page - List of Unclassifed Manufacturers G600SMP300 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Spec-00539 F
Wall-Mount EnclosurEs FUSION G7™ aNd acceSSOrIeS
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild stEEl
13
scrEW packaGE
5-mm screws for FUSION G7™ internal accessories. Package of 20.
Bulletin: A4GY
Catalog Number
Description
Pkg. Qty.
GSM5
5-mm screw M5 x 0.8 x 10
20
panEl MountinG BrackEts
Package includes four mounting brackets, four M8 nuts and eight
5-mm screws.
Bulletin: A4GY
Catalog Number
Description
GSMRBKTS
Panel mounting brackets; fit side-mount accessory rails
Full-WidtH top and BottoM MountinG-BrackEt
kits WitH studs
Use to mount FUSION G7™ to a wall or another enclosure. Includes
two 2.5-mm thick (12 gauge) steel external mounting brackets and
mounting hardware. Finished with RAL 7035 textured light-gray
polyester powder paint.
Mounting brackets are required to maintain UL/CSA external mounting
requirement.
Bulletin: A4GY
39 mm
1.55
17 mm
.67
S
L
11 mm
.41
5 mm
.19
M10 X 25
89000901
Catalog Number
Fits B (mm)
Fits B (in.)
L (mm)
L (in.)
S (mm)
S (in.)
GTBMTBKT300
300
11.81
296
11.65
262
10.31
GTBMTBKT400
400
15.75
396
15.59
362
14.25
GTBMTBKT500
500
19.68
496
19.53
462
18.19
GTBMTBKT600
600
23.62
596
23.46
562
22.12
GTBMTBKT800
800
31.50
796
31.34
762
30.00
GTBMTBKT900
900
35.43
896
35.62
862
33.93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com