Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NX5304 Datasheet(PDF) 2 Page - California Eastern Labs

No. de pieza NX5304
Descripción Electrónicos  NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

NX5304 Datasheet(HTML) 2 Page - California Eastern Labs

  NX5304 Datasheet HTML 1Page - California Eastern Labs NX5304 Datasheet HTML 2Page - California Eastern Labs NX5304 Datasheet HTML 3Page - California Eastern Labs NX5304 Datasheet HTML 4Page - California Eastern Labs NX5304 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NX5304 Series
SYMBOL
PARAMETER
UNIT
RATINGS
Po
Optical Output Power
from Fiber
mW
10
IF
Forward Current of LD
mA
150
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
10
VR
Reverse Voltage of PD
V
20
TC
Operating Case
Temperature
°C
-40 to +85
Tstg
Storage Temperature
°C
−40 to +85
Tasb
Assembly Temperature
°C
150 (15 Hr.)
Tsld
Lead Soldering
Temperature
°C
350 (3 sec.)
RH
Relative Humidity
(noncondensing)
%85
ABSOLUTE MAXIMUM RATINGS
*1 Tracking Error: γ
0
Im
Im
TC = 25ºC
TC = -40 to +85ºC
Po
(mW)
Po
5.0
(mA)
γ = 10 log
[dB]
Po
5.0



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com