Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

US3B Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No. de pieza US3B
Descripción Electrónicos  Surface Mount Ultra Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Página de inicio  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

US3B Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  US3B Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. US3B Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Major Ratings and Characteristics
Features
●
Low profile package
●
Ideal for automated placement
●
Glass passivated chip junction
●
Ultrafast reverse recovery time
●
Low switching losses, high efficiency
●
High forward surge capability
●
High temperatrue soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Case:
JEDEC DO-214AB molded plastic
body over passivated chip
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol US3A
US3B
US3D
US3G
US3J
US3K
US3M
UNIT
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
VF
1.3
V
IR
μA
trr
nS
CJ
pF
RθJL
℃
/ W
TJ, TSTG
℃
IF(AV)
3.0A
VRRM
50 V to 1000 V
IFSM
100 A
trr
50nS,75ns
VF
1.0V,1.3V,1.7V
Tj max.
150 °C
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
3
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
100
Maximum instantaneous forward voltage at 3.0A
1.0
1.7
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
10.0
50
Maximum reverse recovery time
at IF = 0.5 A , IR = 1.0 A , Irr = 0.25 A
50
75
Typical junction capacitance at 4.0 V ,1MHz
15
Thermal resistance from junction to Lead
75
Operating junction and storage temperature range
–55 to +150
- 1 -
http://www.trr-jx.com
US3A-US3M
Surface Mount Ultra Fast Rectifiers


Número de pieza similar - US3B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Sunrise Electr...
US3B SSE-US3B Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US3B DIOTEC-US3B Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
US3B SEMIKRON-US3B Datasheet
179Kb / 2P
Ultra silicon rectifier diodes
logo
Diotec Semiconductor
US3B DIOTEC-US3B Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US3B SEMIKRON-US3B Datasheet
201Kb / 2P
Ultrafast silicon rectifier diodes
More results

Descripción similar - US3B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
US1A WEITRON-US1A Datasheet
128Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
HY ELECTRONIC CORP.
UF1AA HY-UF1AA Datasheet
35Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
EIC discrete Semiconduc...
US1A EIC-US1A Datasheet
67Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
US2A JUXING-US2A Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
US3ABF JUXING-US3ABF Datasheet
620Kb / 3P
Surface Mount Ultra Fast Rectifiers
US2AF JUXING-US2AF Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
US2A JUXING-US2A_18 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
US3A JUXING-US3A_18 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
US2A_18 JUXING-US2A_18_03 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
DHE1A JUXING-DHE1A_19 Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com