Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KPLR1320AD Datasheet(PDF) 5 Page - COSMO Electronics Corporation

No. de pieza KPLR1320AD
Descripción Electrónicos  FIBER OPTIC Receiver Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLR1320AD Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPLR1320AD Datasheet HTML 1Page - COSMO  Electronics Corporation KPLR1320AD Datasheet HTML 2Page - COSMO  Electronics Corporation KPLR1320AD Datasheet HTML 3Page - COSMO  Electronics Corporation KPLR1320AD Datasheet HTML 4Page - COSMO  Electronics Corporation KPLR1320AD Datasheet HTML 5Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PRODUCT SPECIFICATION
DATE:03/03/2005
NO.60F01006
REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLR1320AD
SHEET 5 OF 5
1
6.Package Information
Item
Quantity
Total
Size(Long*Width*High)
Tube
50
50 pcs
640*24.4*26.4 mm
Inner Box
20 Tube/Box
1000 pcs
660*156*122 mm
Outer Box
4 Inner Box/Outer Box
4000 pcs
690*342*284 mm
50pcs/Tube
1000pcs/Inner Box
4000pcs/Outer Box



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com