Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CSA539 Datasheet(PDF) 1 Page - Continental Device India Limited

No. de pieza CSA539
Descripción Electrónicos  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDIL [Continental Device India Limited]
Página de inicio  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA539 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA539 Datasheet HTML 1Page - Continental Device India Limited CSA539 Datasheet HTML 2Page - Continental Device India Limited CSA539 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
CSA539
TO-92
Plastic Package
Complementary CSC815
Low Frequency Amplifier
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Base Voltage
VCBO
60
V
Collector Emitter Voltage
VCEO
45
V
Emitter Base Voltage
VEBO
5V
Collector Current
IC
200
mA
Collector Dissipation
Pc
400
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=100µA, IE=0
60
-
-
V
Collector Emitter Voltage
VCEO
IC=10mA, IB=0
45
-
-
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
5-
-
V
Collector Cut off Current
ICBO
VCB=45V, IE = 0
-
-
100
nA
Emitter Cut off Current
IEBO
VEB=3V, IC = 0
-
-
100
nA
DC Current Gain
hFE
VCE=1V, IC=50mA
40
-
240
Base Emitter on Voltage
VBE(on)
VCE=1V, IC=10mA
0.60
-
0.90
V
Collector Emitter Saturation
VCE(sat)
IC=150mA, IB=15mA
-
-
0.5
V
Voltage
Base Emitter Saturation Voltage
VBE(sat)
IC=150mA, IB=15mA
-
-
1.2
V
Classification
R
O
Y
hFE
40 - 80
70 - 140
120 - 240
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Número de pieza similar - CSA539

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Continental Device Indi...
CSA537 CDIL-CSA537 Datasheet
221Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Descripción similar - CSA539

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com