Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CSA537 Datasheet(PDF) 2 Page - Continental Device India Limited

No. de pieza CSA537
Descripción Electrónicos  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDIL [Continental Device India Limited]
Página de inicio  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA537 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSA537 Datasheet HTML 1Page - Continental Device India Limited CSA537 Datasheet HTML 2Page - Continental Device India Limited CSA537 Datasheet HTML 3Page - Continental Device India Limited CSA537 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN HIGH VOLTAGE SILICON TRANSISTORS
CSA537
TO-39
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNITS
SWITCHING CHARACTERISTICS
Turn on Time
ton
VCC=6.5V, IC=150mA,
ns
IB1=15mA, IB2 =0
Turn off Time
toff
VCC=6.5V, IC=150mA,
ns
IB1=IB2 =15mA
Storage Time
tstg
VCC=6.5V, IC=150mA,
ns
IB1=IB2 =15mA
CLASSIFICATION
B
C
hFE (1)
500-100
80-160
<300
<350
VALUE
<50
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com