| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L7809AB Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7809AB Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 57 page ![]() Electrical characteristics L78xx, L78xxC, L78xxAB, L78xxAC 26/57 Doc ID 2143 Rev 30 Refer to the test circuits, TJ = 0 to 125 °C, VI = 28 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified. Table 21. Electrical characteristics of L7820C Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 19.2 20 20.8 V VO Output voltage IO = 5 mA to 1 A, VI = 23 to 33 V 19 20 21 V VO Output voltage IO = 1 A, VI = 33 to 35 V, TJ = 25°C 19 20 21 V ΔVO(1) Line regulation VI = 22.5 to 35 V, TJ = 25°C 400 mV VI = 26 to 32 V, TJ = 25°C 200 ΔVO(1) Load regulation IO = 5 mA to 1.5 A, TJ = 25°C 400 mV IO = 250 to 750 mA, TJ = 25°C 200 Id Quiescent current TJ = 25°C 8 mA ΔId Quiescent current change IO = 5 mA to 1 A 0.5 mA VI = 23 to 35 V 1 ΔVO/ΔT Output voltage drift IO = 5 mA -1 mV/°C eN Output noise voltage B = 10 Hz to 100 kHz, TJ = 25°C 150 µV/VO SVR Supply voltage rejection VI = 24 to 35 V, f = 120 Hz 52 dB Vd Dropout voltage IO = 1 A, TJ = 25°C 2 V RO Output resistance f = 1 kHz 24 m Ω Isc Short circuit current VI = 35 V, TJ = 25°C 0.18 A Iscp Short circuit peak current TJ = 25°C 2.1 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |