| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DMI1108-R60M-N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DMI1108-R60M-N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 4 page ![]() Leaded Power Chokes DMI Series DMI Series DIM series is designed with low RDC and ultra large current. Its molded magnetic shielded type is suitable for high-density mounting and ultra low buzz noise. Soldering conditions can be easily confirmed when mounting onto the board. This series also Provides customers with embossed carrier type packaging for automatic mounting machine. Features l Shield construction l Ultra low buzz noise, due to un-assembly structure l 100% Lead free Applications l High density DC/DC converters l POL convertes l High current VRM/VRD for notebook / Server / desktop CPUs l High speed charger Product Identification Shapes and Dimensions FIG 1 FIG 2 FIG 3 |
Número de pieza similar - DMI1108-R60M-N |
|
Descripción similar - DMI1108-R60M-N |