Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB2S Datasheet(PDF) 1 Page - Continental Device India Limited

No. de pieza MB2S
Descripción Electrónicos  SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDIL [Continental Device India Limited]
Página de inicio  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MB2S Datasheet(HTML) 1 Page - Continental Device India Limited

  MB2S Datasheet HTML 1Page - Continental Device India Limited MB2S Datasheet HTML 2Page - Continental Device India Limited MB2S Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB1S - MB10S
MB-S
Surface Mount Package
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25ºC Ambient temperature unless specified otherwise. Single phase, half wave, 60Hz
resistive or inductive load. For capacitive load, derate current by 20%
DESCRIPTION
SYMBOL MB1S MB2S MB4S
MB10S
UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
100
200
400
600
800
1000
V
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
*I(AV)
A
single half sine-wave superimposed on
VF
V
Maximum DC Reverse Current
Ta=25
oC
µA
at Rated DC Blocking Voltage
Ta=125
oC
µA
Typical Junction Capacitance
**CJ
pF
Rth (j-a)
ºC/W
Tj
ºC
Tstg
ºC
*Mounted on P.C. board
MB1S_10SRev060106E
A
Maximum RMS Voltage
Storage Temperature Range
Peak Forward Surge Current 8.3ms
IFSM
rated load
Maximum Forward Voltage at IF=0.4A
Maximum Average Forward Rectified Current at
Ta=40
oC
0.8
**Measured at 1MHz and applied reverse voltage of 4.0 V
MB8S
MB6S
30
5.0
500
75
1.1
SURFACE MOUNT GLASS PASSIVATED BRIDGE
RECTIFIERS
- 55 to +150
15
IR
Typical Thermal Resistance Junction to Ambient
Operating Temperature Range
- 55 to +150
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Número de pieza similar - MB2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MB2S FAIRCHILD-MB2S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB2S GE-MB2S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2S MCC-MB2S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Semikron International
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Galaxy Semi-Conductor H...
MB2S BILIN-MB2S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Descripción similar - MB2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HY ELECTRONIC CORP.
DB101S HY-DB101S_17 Datasheet
142Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B05SA HY-B05SA Datasheet
164Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
RABS210 BYTESONIC-RABS210 Datasheet
905Kb / 2P
Surface Mount Glass Passivated Bridge Rectifiers
2019/10/12
logo
HY ELECTRONIC CORP.
B05S HY-B05S_V01 Datasheet
351Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DB101S HY-DB101S_V01 Datasheet
345Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
TB1S-12 PJSEMI-TB1S-12 Datasheet
757Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
TB1S-20 PJSEMI-TB1S-20 Datasheet
405Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
FABS205 HY-FABS205 Datasheet
326Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com