Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CLB764 Datasheet(PDF) 2 Page - Continental Device India Limited

No. de pieza CLB764
Descripción Electrónicos  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDIL [Continental Device India Limited]
Página de inicio  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CLB764 Datasheet(HTML) 2 Page - Continental Device India Limited

  CLB764 Datasheet HTML 1Page - Continental Device India Limited CLB764 Datasheet HTML 2Page - Continental Device India Limited CLB764 Datasheet HTML 3Page - Continental Device India Limited CLB764 Datasheet HTML 4Page - Continental Device India Limited CLB764 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
CLB764 PNP
CLD863 NPN
TO-92
Plastic Package
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
VCE=10V, IC=50mA
MHz
Output Capacitance
Cob
VCB=10V,IE=0, f=1MHz
NPN
pF
PNP
pF
CLASSIFICATION
D
E
*hFE
60 - 120
100 - 200
CLB764_CLD863 Rev111209E
F
160 - 320
TYP150
TYP12
TYP20
E C
B
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com