Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BAV19WS Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

No. de pieza BAV19WS
Descripción Electrónicos  SURFACE MOUNT SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PACELEADER [PACELEADER INDUSTRIAL]
Página de inicio  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

BAV19WS Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  BAV19WS Datasheet HTML 1Page - PACELEADER INDUSTRIAL BAV19WS Datasheet HTML 2Page - PACELEADER INDUSTRIAL BAV19WS Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristic
Symbol
Forward Voltage
Total Capacitance
(VR=1.0V, f=1.0MHz)
Reverse Leakage
@Rated DC Blocking Voltage
IR
Cj
VF
Max
Unit
Volts
PF
nAdc
IF
IF
=100mA
=200mA
1.0
1.25
-
-
-
5.0
100
50
Min
Reverse Recovery Time
IF=IR=30mA
Irr=0.1*IR,RL=100W
trr
nS
BAV19WS
BAV20WS
BAV21WS
Non-Repetitive
Non-Repetitive
Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Forward Continuous Current
Average Rectified Output Current
Peak Forward Surge Current
@t=1.0us
@t=1.0s
Power Dissipation
Thermal Resistance Junction to
Ambient Air
Operating Temperature Range
Storage Temperature Range
VRRM
VR
VRWM
VR(RMS)
IFM
IO
IFSM
Pd
RθJA
Tj
120
100
71
106
140
V
V
V
200
150
250
200
400
200
2.5
0.5
200
625
-65 to +150
mA
mA
A
mW
°C/W
°C
°C
Characteristic
Symbol
Unit
RMS Reverse Voltage
TSTG
+150
Maximum Ratings
TA = 25°C unless otherwise noted
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
SURFACE MOUNT SWITCHING DIODES
BAV19WS/BAV20WS/BAV21WS
o
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
2
www.paceleader.tw



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com