| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMDA24 Datasheet(PDF) 2 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
SMDA24 Datasheet(HTML) 2 Page - Protek Devices |
|
2 / 6 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05031.R11 10/12 Page 2 SMDA03 - SMDA36C TYPICAL DEVICE ChARACTERISTICS MAXIMUM RATINGS @ 25°C Unless otherwise Specified PARAMETER SYMBoL VALUE UNITS Operating Temperature T L -55 to 150 °C Storage Temperature T STG -55 to 150 °C Peak Pulse Power (tp = 8/20µs) - See Figure 1 P PP 500 Watts Forward Voltage @ 100mA, 300µs - Square Wave (See Note 1) V F 1.5 Volts NoTE 1. Only applies to unidirectional devices. ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless otherwise Specified PART NUMBER (Note 1) DEVICE MARkING RATED STAND-oFF VoLTAGE V WM VoLTS MINIMUM BREAkDoWN VoLTAGE @1mA V (BR) VoLTS MAXIMUM CLAMPING VoLTAGE (Fig. 2) @I P = 1A V C VoLTS MAXIMUM CLAMPING VoLTAGE (Fig. 2) @I P = 5A V C VoLTS MAXIMUM CURRENT I PP @ 8/20µs AMPS MAXIMUM LEAkAGE CURRENT @V WM I D µA MAXIMUM CAPACITANCE @0V, 1Mhz C pF SMDA03 SDL 3.3 4.0 6.5 7.0 43.0 125 800 SMDA03C SDM 3.3 4.5 7.0 9.0 43.0 125 450 SMDA05 SDA 5.0 6.0 9.8 10.0 40.0 20 550 SMDA05C SDB 5.0 6.0 9.8 10.0 40.0 20 308 SMDA08 SDJ 8.0 8.5 13.4 14.0 27.0 10 500 SMDA08C SDK 8.0 8.5 13.4 14.0 27.0 10 300 SMDA12 SDC 12.0 13.3 19.0 22.0 20.0 1 185 SMDA12C SDD 12.0 13.3 19.0 22.0 20.0 1 105 SMDA15 SDE 15.0 16.7 24.0 27.0 15.0 1 140 SMDA15C SDF 15.0 16.7 24.0 27.0 15.0 1 80 SMDA24 SDG 24.0 26.7 43.0 45.0 12.0 1 88 SMDA24C SDH 24.0 26.7 43.0 45.0 12.0 1 50 SMDA36 SDN 36.0 40.0 51.0 65.0 8.0 1 80 SMDA36C SDP 36.0 40.0 51.0 65.0 8.0 1 45 NoTES 1. Part numbers with a “C” suffix are bidirectional devices, i.e., SMDA03C. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |