| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ECA2DM010 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECA2DM010 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 5 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ M – EEE-111 – φ10< φd±0.05 Sleeve 14 min. 3min. L✽ φ6.3< ✽ L<16:L±1.0 L >20:L ±2.0 Pressure relief + – φ4to φ8 φD+0.5 φD+0.5 ■ Features ● Endurance : 85 °C 2000 h ● Smaller than series SU ● RoHS directive compliant Radial Lead Type Series: M Type: A ■ Specifications Category Temp. Range –40 °C to + 85 °C –25 °C to +85 °C Rated W.V. Range 6.3 V.DC to 100 V.DC 160 V.DC to 450 V.DC Nominal Cap. Range 0.1 µF to 22000 µF 1 µF to 470 µF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current I < 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater) I < 0.06 CV +10 (µA) After 2 minutes tan δ Please see the attached standard products list Endurance After applying rated working voltage for 2000 hours at +85°C±2 °C, when the capacitors are restored to 20 °C, capacitors shall meet the following limits. Capacitance change ±20 % of initial measured value tan δ <150 % of initial specified value DC leakage current <initial specified value Shelf Life After storage for 1000 hours at +85 °C±2 °C with no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) ■ Dimensions in mm (not to scale) Body Dia. φD5 6.3 8 10 12.5 16 18 Lead Dia. φd0.5 0.5 0.6 0.6 0.6 0.8 0.8 Lead space F 2.0 2.5 3.5 5.0 5.0 7.5 7.5 Frequency (Hz) 50, 60 120 1 k 10 k to Correction factor 0.70 1.00 1.30 1.70 ■ Frequency correction factor for ripple current (Unit : mm) 00 Nov. 2012 |
Número de pieza similar - ECA2DM010 |
|
Descripción similar - ECA2DM010 |
|
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |