| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS1602IPFBT Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS1602IPFBT Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 29 page ![]() ADS1602 SBAS341E – DECEMBER 2004 – REVISED OCTOBER 2011 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the device product folder at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) Over operating free-air temperature range, unless otherwise noted. ADS1602 UNIT AVDD to AGND –0.3 to +6 V DVDD to DGND –0.3 to +3.6 V IOVDD to DGND –0.3 to +6 V AGND to DGND –0.3 to +0.3 V Input current 100, momentary mA Input current 10, continuous mA Analog I/O to AGND –0.3 to AVDD + 0.3 V Digital I/O to DGND –0.3 to IOVDD + 0.3 V Maximum junction temperature +150 °C Operating temperature range –40 to +105 °C Storage temperature range –60 to +150 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. 2 Copyright © 2004–2011, Texas Instruments Incorporated |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |