Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NJM2073 Datasheet(PDF) 7 Page - New Japan Radio

No. de pieza NJM2073
Descripción Electrónicos  DUAL LOW VOLTAGE POWER AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NJRC [New Japan Radio]
Página de inicio  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2073 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2073 Datasheet HTML 3Page - New Japan Radio NJM2073 Datasheet HTML 4Page - New Japan Radio NJM2073 Datasheet HTML 5Page - New Japan Radio NJM2073 Datasheet HTML 6Page - New Japan Radio NJM2073 Datasheet HTML 7Page - New Japan Radio NJM2073 Datasheet HTML 8Page - New Japan Radio NJM2073 Datasheet HTML 9Page - New Japan Radio NJM2073 Datasheet HTML 10Page - New Japan Radio NJM2073 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJM2073
- 7 -
Ver.2004-03-01
● Application for Voltage Gain Reduction ( BTL )
Fig.7 indicates the application example,Table2 shows recommended value of externally attaching parts.
Table2 Applicating purpose and Recommended Value of External Part
EXTERNAL
PARTS
APPLICATION PURPOSE
RECOMMENDED
VALUE
REMARKS
Rg
DC condition ground of plus input
Below about 10kΩ
Making noise when higher.
Rs
AV shall be decided with Rf
-
Rf
AV shall be decided with Rs
About 5kΩ
Temperature feature to be increased accordingly as in higher AV
value.
When lower,to be trended of Oscillation.
C1
Releasing minus input in to DC
condition
-
Setting up low band Cut-off frequency (fL).
More higher,the rise time become longer.
C2
Preventing Oscillation
About 0.02µF
The more higher in value,the high band THD,due to phase slipping
to be deteriorated.
When lower,to be trended of oscillation.
CP1
Stability of V
+
Preventing Oscillation
More
than
about
100µF
Inserting near around at V
+ and the GND pin.
CP2
Preventing Oscillation
More than 0.1µF
Inserting near around at V
+ and the GND pin.
r
Preventing Oscillation
About RL
To be examined at around pure resister Value of speaker load.
C
Preventing Oscillation
0.22µF
Fig.7 BTL Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com