Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CLM1B-RKW-AKW Datasheet(PDF) 4 Page - Marktech Corporate

No. de pieza CLM1B-RKW-AKW
Descripción Electrónicos  PLCC2 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKTECH [Marktech Corporate]
Página de inicio  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM1B-RKW-AKW Datasheet(HTML) 4 Page - Marktech Corporate

  CLM1B-RKW-AKW Datasheet HTML 1Page - Marktech Corporate CLM1B-RKW-AKW Datasheet HTML 2Page - Marktech Corporate CLM1B-RKW-AKW Datasheet HTML 3Page - Marktech Corporate CLM1B-RKW-AKW Datasheet HTML 4Page - Marktech Corporate CLM1B-RKW-AKW Datasheet HTML 5Page - Marktech Corporate CLM1B-RKW-AKW Datasheet HTML 6Page - Marktech Corporate CLM1B-RKW-AKW Datasheet HTML 7Page - Marktech Corporate CLM1B-RKW-AKW Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
CLD-CT1084.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Red
CLM1B-RKW-CUaVbAA3
120
450
1120
RA
618
RA
630
Red
CLM1B-RKW-CUbVbAA3
120
560
1120
RA
618
RA
630
Color
Kit Number
Viewing Angle
Luminous Intensity (mcd)
Dominant Wavelength
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Amber
CLM1B-AKW-CTbVa253
120
355
900
A2
584
A5
596
Amber
CLM1B-AKW-CUaVa353
120
450
900
A3
587
A5
596
Amber
CLM1B-AKW-CUbVa353
120
560
900
A3
587
A5
596
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin codes and single color-
bin codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com