Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX16124 Datasheet(PDF) 4 Page - Maxim Integrated Products

No. de pieza MAX16124
Descripción Electrónicos  Dual Pushbutton Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16124 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16124 Datasheet HTML 1Page - Maxim Integrated Products MAX16124 Datasheet HTML 2Page - Maxim Integrated Products MAX16124 Datasheet HTML 3Page - Maxim Integrated Products MAX16124 Datasheet HTML 4Page - Maxim Integrated Products MAX16124 Datasheet HTML 5Page - Maxim Integrated Products MAX16124 Datasheet HTML 6Page - Maxim Integrated Products MAX16124 Datasheet HTML 7Page - Maxim Integrated Products MAX16124 Datasheet HTML 8Page - Maxim Integrated Products MAX16124 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
MAX16122–MAX16125
Dual Pushbutton Controllers in
Tiny 6-Bump WLP Package
Typical Operating Characteristics
(VCC = 5V, MAX16125WTDB29+, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.0
4.0 4.5
2.5 3.0 3.5
2.0
2
3
4
5
6
7
8
9
10
1
1.5
6.0
TA = -40°C
TA = +125°C
TA = +25°C
TA = +85°C
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
2
4
6
8
10
0
-40
125
VCC = 3.3V
RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
1.95
2.00
2.05
2.10
1.90
-40
125
VCC = 3.0V
MAXIMUM VCC TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (V)
0.20
0.15
0.10
0.05
2
4
6
8
10
12
14
0
0
0.25
MAX16125WTDB29+
VCC RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
5
-5
-40
125
-4
-3
-2
-1
1
2
3
4
0
NORMALIZED TO TA = +25°C
MAX16125WTDB29+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com