Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM98722 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM98722
Descripción Electrónicos  3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM98722 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM98722_14 Datasheet HTML 3Page - Texas Instruments LM98722_14 Datasheet HTML 4Page - Texas Instruments LM98722_14 Datasheet HTML 5Page - Texas Instruments LM98722_14 Datasheet HTML 6Page - Texas Instruments LM98722_14 Datasheet HTML 7Page - Texas Instruments LM98722_14 Datasheet HTML 8Page - Texas Instruments LM98722_14 Datasheet HTML 9Page - Texas Instruments LM98722_14 Datasheet HTML 10Page - Texas Instruments LM98722_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LM98722
www.ti.com
SNAS487A – SEPTEMBER 2009 – REVISED APRIL 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VA,VR,VD,VC)
4.2V
Voltage on Any Input Pin(Not to exceed 4.2V)
−0.3V to
(VA + 0.3V)
Voltage on Any Output Pin(execpt DVB and not to exceed 4.2V)
−0.3V to
(VA + 0.3V)
DVB Output Pin Voltage
2.0V
Input Current at any pin other than Supply Pins(4)
±25 mA
Package Input Current (except Supply Pins)(4)
±50 mA
Maximum Junction Temperature (TA)
150°C
Thermal Resistance (
θJA)
<66°C/W
Package Dissipation at TA = 25°C
(5)
>1.89W
Human Body Model
2500V
ESD Rating(6)
Machine Model
250V
Storage Temperature
−65°C to +150°C
Soldering process must comply with Texas Instrument’s Reflow Temperature Profile specifications. Refer to www.ti.com/packaging (7)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the Operating Ratings is not
recommended.
(2)
All voltages are measured with respect to AGND = DGND = 0V, unless otherwise specified.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < GND or VIN > VA or VD), the current at that pin should be
limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can simultaneously safely exceed the
power supplies with an input current of 25 mA to two.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJMAX – TA)/θJA. The values for maximum power dissipation
listed above will be reached only when the device is operated in a severe fault condition (e.g. when input or output pins are driven
beyond the power supply voltages, or the power supply polarity is reversed). Such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
(7)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
(1) (2)
Operating Temperature Range
0°C
≤ TA ≤ +70°C
All Supply Voltage
+3.0V to +3.6V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions. Operation of the device beyond the Operating Ratings is not
recommended.
(2)
All voltages are measured with respect to AGND = DGND = 0V, unless otherwise specified.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM98722



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com