Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2SA1374 Datasheet(PDF) 2 Page - Hitachi Semiconductor

No. de pieza 2SA1374
Descripción Electrónicos  Silicon PNP Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SA1374 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SA1374 Datasheet HTML 1Page - Hitachi Semiconductor 2SA1374 Datasheet HTML 2Page - Hitachi Semiconductor 2SA1374 Datasheet HTML 3Page - Hitachi Semiconductor 2SA1374 Datasheet HTML 4Page - Hitachi Semiconductor 2SA1374 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1374
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
–55
V
Collector to emitter voltage
V
CEO
–55
V
Emitter to base voltage
V
EBO
–5
V
Collector current
I
C
–100
mA
Base current
I
B
–30
mA
Collector power dissipation
P
C
300
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
–55
V
I
C = –10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
–55
V
I
C = –1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
–5
V
I
E = –10 µA, IC = 0
Collector cutoff current
I
CBO
–0.1
µAV
CB = –18 V, IE = 0
Emitter cutoff current
I
EBO
–0.05
µAV
EB = –2 V, IE = 0
DC current transfer ratio
h
FE*
1
160
500
V
CE = –12 V, IC = –2 mA
Base to emitter voltage
V
BE
–0.66
–0.75
V
V
CE = –12 V, IC = –2 mA
Collector to emitter saturation
voltage
V
CE(sat)
–0.1
–0.5
V
I
C = –10 mA, IB = –1 mA
Gain bandwidth product
f
T
250
MHz
V
CE = –12 V, IC = –2 mA
Collector output capacitance
Cob
2.5
pF
V
CB = –10 V, IE = 0, f = 1 MHz
Note:
1. The 2SA1374 is grouped by h
FE as follows.
CD
160 to 320
250 to 500
See characteristic curves of 2SA836.



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com