Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

217A Datasheet(PDF) 2 Page - Microsemi Corporation

No. de pieza 217A
Descripción Electrónicos  1.5A Three Terminal Adj. Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

217A Datasheet(HTML) 2 Page - Microsemi Corporation

  217A Datasheet HTML 1Page - Microsemi Corporation 217A Datasheet HTML 2Page - Microsemi Corporation 217A Datasheet HTML 3Page - Microsemi Corporation 217A Datasheet HTML 4Page - Microsemi Corporation 217A Datasheet HTML 5Page - Microsemi Corporation 217A Datasheet HTML 6Page - Microsemi Corporation 217A Datasheet HTML 7Page - Microsemi Corporation 217A Datasheet HTML 8Page - Microsemi Corporation 217A Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SG117 / 217 / 317 / 117A / 217A / 317A
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 1994
Rev. 1.3, 2006-02-08
1.5A Three Terminal Adj. Voltage Regulator
TM
®
ABSOLUTE MAXIMUM RATINGS
Power Dissipation ............................................................................................................................................................ Internally Limited
Input to Output Voltage Differential ...................................................................................................................................................... 40V
Storage Temperature Range ................................................................................................................................................. -65°C to 150°C
Operating Junction Temperature .........................................................................................................................................................150°C
Lead Temperature (Soldering 10 seconds)..........................................................................................................................................300°C
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of
specified terminal
.
TH ERMAL DATA
K
3 Terminal TO-3 Metal Can
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
3.0
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
35
°C/W
F
10-Pin Flatpack
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
80
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
145
°C/W
R
3 Terminal TO-66 Metal Can
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
5.0
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
40
°C/W
T
3-Pin TO-39 Metal Can
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
15
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
120
°C/W
G
3-Pin TO-257 Hermetic
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
3.5
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
42
°C/W
IG
3-Pin TO-257 Hermetic (Isolated)
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
3.5
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
42
°C/W
L
20-Pin Ceramic (LCC) Leadless
THERMAL RESISTANCE
-JUNCTION TO CASE,
θ
JC
35
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
120
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com