Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STPS0540ZY Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza STPS0540ZY
Descripción Electrónicos  Automotive Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0540ZY Datasheet(HTML) 2 Page - STMicroelectronics

  STPS0540ZY Datasheet HTML 1Page - STMicroelectronics STPS0540ZY Datasheet HTML 2Page - STMicroelectronics STPS0540ZY Datasheet HTML 3Page - STMicroelectronics STPS0540ZY Datasheet HTML 4Page - STMicroelectronics STPS0540ZY Datasheet HTML 5Page - STMicroelectronics STPS0540ZY Datasheet HTML 6Page - STMicroelectronics STPS0540ZY Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STPS0540-Y
2/7
Doc ID 17966 Rev 1
1
Characteristics
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(RMS) Forward rms voltage
2
A
IF(AV)
Average forward current
δ = 0.5
Ta = 60 °C
0.5
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
5.5
A
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Operating junction temperature (1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
-40 to + 150
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
1.
Mounted on epoxy board.
500
°C/W
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
typ.
max.
Unit
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
40
µA
Tj = 100 °C
1.5
5
mA
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses use the following equation:
P = 0.29 x IF(AV) + 0.22 x IF
2
(RMS)
Forward voltage drop
Tj = 25 °C
IF = 0.5 A
0.50
V
Tj = 100 °C
0.35
0.40
Tj = 25 °C
IF = 1 A
0.55
Tj = 100 °C
0.45
0.51
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7