Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PI5C3384S Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

No. de pieza PI5C3384S
Descripción Electrónicos  10-Bit, 2-Port Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3384S Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5C3384S Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3384S Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3384S Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3384S Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3384S Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3384S Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS7029F
05/02/07
PI5C3384/3384C
10-Bit, 2-Port Bus switch
Test
Disable LOW
Enable LOW
tPD
Switch
Closed
Closed
Open
Definitions:
CL = Load capacitance (includes jig and
probe capacitance)
RT = Termination resistance (should be
equal to ZOUT of the pulse generator)
Pulse
Generator
D.U.T.
VIN
RT
VOUT
CL
500
Ω
500
Ω
50pF
VCC
7V
Open
Test Circuit
Switch Position
Control
Input
Output
Normally
Low
Output
Normally
High
tPZL
tPLZ
0V
1.5V
3V
0V
1.5V
3V
0V
VOL
tPZH
tPZH
3V
1.5V
1.5V
Enable
Switch
Switch
GND
Disable
0.3V
VOH
0.3V
1. Input Control Enable = Low; Input Control Disable = High
2. Pulse Generator for all pulses:
Rate
<1.0 MHz; ZOUT <50Ω; tF, tR <2.5ns
Enable and Disable Timing Diagram
Same Phase
Input Transisiton
Opposite Phase
Input Transisiton
tPLH
tPLH
tPHL
tPHL
0V
Output
VOH
VOL
3V
1.5V
1.5V
0V
3V
1.5V
1.5V
1.5V
Propagation Delay Diagram
07-0124



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com