Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ELJFDR82KF Datasheet(PDF) 9 Page - Panasonic Semiconductor

No. de pieza ELJFDR82KF
Descripción Electrónicos  Chip Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFDR82KF Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ELJFDR82KF Datasheet HTML 5Page - Panasonic Semiconductor ELJFDR82KF Datasheet HTML 6Page - Panasonic Semiconductor ELJFDR82KF Datasheet HTML 7Page - Panasonic Semiconductor ELJFDR82KF Datasheet HTML 8Page - Panasonic Semiconductor ELJFDR82KF Datasheet HTML 9Page - Panasonic Semiconductor ELJFDR82KF Datasheet HTML 10Page - Panasonic Semiconductor ELJFDR82KF Datasheet HTML 11Page - Panasonic Semiconductor ELJFDR82KF Datasheet HTML 12Page - Panasonic Semiconductor ELJFDR82KF Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Chip Inductors
s Examples: Type 3225 (1210) SA
s Examples: Type 4532 (1812) FB
Part No.
µH
Freq. MHZ
Freq. MHZ
Tolerance
min.
Inductance
Q
SRF*
MHz (min.)
DCR**
Ω max.
Rated DC
Current mA max.
0.1
±10%
±5%
1.5
0.796
2.52
40
30
ELJFB101K/JF
ELJFB121K/JF
ELJFB151K/JF
ELJFB181K/JF
ELJFB221K/JF
ELJFB271K/JF
ELJFB331K/JF
ELJFB391K/JF
ELJFB471K/JF
ELJFB561K/JF
ELJFB681K/JF
ELJFB821K/JF
ELJFB102K/JF
100
120
150
180
220
270
330
390
470
560
680
820
1000
8.8
10
11
13
13
14
16
19
31
35
39
45
53
6.7
6.1
5.5
5.1
4.5
4.1
3.7
3.3
3.3
2.7
2.5
2.4
2.1
105
100
95
85
85
80
75
70
55
50
50
45
40
* Self-resonant frequency •• DC resistance
Part No.
µH
Freq. MHZ
Freq. MHZ
Tolerance
min.
Inductance
Q
SRF
MHz (min.)
DCR
Ω max.
Rated DC
Current mA max.
1.0
0.1
±10%
1.5
5.0
40
ELJSA100KF
ELJSA120KF
ELJSA150KF
ELJSA180KF
ELJSA220KF
ELJSA270KF
ELJSA330KF
ELJSA390KF
ELJSA470KF
ELJSA560KF
ELJSA680KF
ELJSA820KF
ELJSA101KF
ELJSA121KF
ELJSA151KF
ELJSA181KF
ELJSA221KF
ELJSA271KF
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
1.8
2.0
2.2
2.5
2.8
3.2
3.5
3.8
4.0
4.5
5.0
6.0
7.0
8.0
9.0
11.0
12.0
14.0
30
28
25
23
20
18
17
15
14
13
12
11
10
9
5
5
4
4
18
17
15
13
12
10
10
9
8
7
6
6
5
5
5
5
5
5
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com