Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74HC40103DB Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74HC40103DB
Descripción Electrónicos  8-bit synchronous binary down counter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC40103DB Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC40103DB Datasheet HTML 1Page - NXP Semiconductors 74HC40103DB Datasheet HTML 2Page - NXP Semiconductors 74HC40103DB Datasheet HTML 3Page - NXP Semiconductors 74HC40103DB Datasheet HTML 4Page - NXP Semiconductors 74HC40103DB Datasheet HTML 5Page - NXP Semiconductors 74HC40103DB Datasheet HTML 6Page - NXP Semiconductors 74HC40103DB Datasheet HTML 7Page - NXP Semiconductors 74HC40103DB Datasheet HTML 8Page - NXP Semiconductors 74HC40103DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
9397 750 13812
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
3 of 25
Philips Semiconductors
74HC40103
8-bit synchronous binary down counter
5.
Ordering information
6.
Functional diagram
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC40103N
−40 °C to +125 °C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HC40103D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads; body
width 3.9 mm
SOT109-1
74HC40103DB
−40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HC40103PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Fig 1.
Functional diagram
Fig 2.
Logic symbol
001aab923
P3
P4
P5
P6
7
10
11
12
P7 13
P0
P1
P2
4
5
6
1CP
PE
15
PL
9
TE
TC
3
14
MR
2
001aab921
P0
P1
P2
P3
P4
P5
P6
P7
PL
TC
9
TE
3
CP
1
14
13
12
11
10
7
6
5
4
MR
2
PE
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com