Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT83SND2CMP3 Datasheet(PDF) 1 Page - ATMEL Corporation

No. de pieza AT83SND2CMP3
Descripción Electrónicos  CRC Error and MPEG Frame Synchronization Indicators
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT83SND2CMP3_14 Datasheet HTML 1Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 2Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 3Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 4Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 5Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 6Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 7Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 8Page - ATMEL Corporation AT83SND2CMP3_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Rev. 7524D–MP3–07/07
Features
MPEG I/II-Layer 3 Hardwired Decoder
– Stand-alone MP3 Decoder
– 48, 44.1, 32, 24, 22.05, 16 kHz Sampling Frequency
– Separated Digital Volume Control on Left and Right Channels (Software Control
using 31 Steps)
– Bass, Medium, and Treble Control (31 Steps)
– Bass Boost Sound Effect
– Ancillary Data Extraction
– CRC Error and MPEG Frame Synchronization Indicators
20-bit Stereo Audio DAC
– 93 dB SNR Playback Stereo Channel
– 32 Ohm/ 20 mW Stereo Headset Drivers
– Stereo Line Level Input, Differential Mono Auxiliary Input
Programmable Audio Output for Interfacing with External Audio System
– I2S Format Compatible
Mono Audio Power Amplifier
– 440mW on 8 Ohms Load
USB Rev 1.1 Controller
– Full Speed Data Transmission
Built-in PLL
– MP3 Audio Clocks
– USB Clock
MultiMediaCard® Interface, Secure Digital Card Interface
Standard Full Duplex UART with Baud Rate Generator
Power Management
– Power-on Reset
– Idle Mode, Power-down Mode
Operating Conditions:
– 2.7 to 3V, ±10%, 25 mA Typical Operating at 25°C
– 37 mA Typical Operating at 25°C Playing Music on Earphone
– Temperature Range: -40°C to +85°C
– Power Amplifier Supply 3.2V to 5.5V
Packages
– CTBGA 100-pin
Typical
Applications
MP3-Player
PDA, Camera, Mobile Phone MP3
Car Audio/Multimedia MP3
Home Audio/Multimedia MP3
Toys
Industrial Background Music / Ads
Single-Chip MP3
Decoder with Full
Audio Interface
AT83SND2CMP3A1
AT83SND2CMP3
AT83SND2CDVX


Número de pieza similar - AT83SND2CMP3_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT83SND2CMP3A1 ATMEL-AT83SND2CMP3A1_14 Datasheet
1Mb / 98P
CRC Error and MPEG Frame Synchronization Indicators
More results

Descripción similar - AT83SND2CMP3_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK311-010 SANYO-STK311-010 Datasheet
122Kb / 7P
RDS Demodulation Synchronization and Error Correction
STK311-020 SANYO-STK311-020 Datasheet
148Kb / 7P
RDS Demodulator Synchronization and Error Correction?
STK311-050 SANYO-STK311-050 Datasheet
160Kb / 8P
RDS/RBDS Demodulator Synchronization and Error Correction?
logo
NXP Semiconductors
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
logo
Zarlink Semiconductor I...
MT8979 ZARLINK-MT8979 Datasheet
627Kb / 34P
CEPT PCM 30/CRC-4 Frame & Interface
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
Hexadecimal and Numeric Indicators
logo
Honeywell Accelerometer...
2A70 HONEYWELL-ACC-2A70 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
logo
ATMEL Corporation
AT83SND2CDVX ATMEL-AT83SND2CDVX_14 Datasheet
1Mb / 98P
CRC Error and MPEG Frame Synchronization Indicators
AT83SND2CMP3A1 ATMEL-AT83SND2CMP3A1_14 Datasheet
1Mb / 98P
CRC Error and MPEG Frame Synchronization Indicators
logo
Honeywell Solid State E...
2C207 HONEYWELL-2C207 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com